Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 296 page
background image
ADAU1373
Rev. 0 | Page 46 of 296
The PLL block consists of a digital PLL (DPLL), followed by an
analog PLL (APLL) with multiplexer. This architecture allows
flexibility in providing the clock to the ADAU1373. The DPLL
can accept clock rates from 8 kHz to 8 MHz and outputs clock
frequencies from 8 MHz to 27 MHz. The APLL can accept the
clock output from the DPLL and provide further fine resolution
to generate the clocks for internal blocks. If the input clock is
greater than 8 MHz, the DPLL can be powered down to save
power. In such a case, the external clock can be sent directly to
the APLL. See Figure 93 for a diagram of clock distribution
inside the ADAU1373.
÷N
EXTERNAL CLOCK > 8MHz
BCLKA
BCLKB
BCLKC
MCLK1
LRCLKA
LRCLKB
LRCLKC
GPIO1
GPIO2
GPIO3
GPIO4
MCLK2
DPLLB_REF_SEL
DPLLB_NDIV
1....1024
IN 11 STEPS
8kHz TO 8MHz
REG. 0x2F DPLLB_CTRL
DPLLB
DPLLB_CLK_OUT
DPLLB LOCK
INDICATOR
÷ X
× (R + N/M)
REG. 0x30 THROUGH REG. 0x35 PLLB CONTROL REGISTER
EXTERNAL CLOCK
(1024 × 48kHz)/(1024 × 44.1kHz)
PLLB BYPASS
PLL
X = 1 TO 4
X = 1 DEFAULT
R = 0 TO 15
M AND N 16-BIT BINARY NUMBER
R = 2 DEFAULT
M = 253 DEFAULT
N = 0 DEFAULT
APLLB CLOCK OUT
FS_A_EXT
ASRCA
DSP
DIGITAL
AUDIO
INTERFACE A
ADC/
DMIC1_DOUT
DECIMATOR
DMIC2_DOUT
ADC/
DMIC1
ADC
64 × fS
DAC1
DAC2
DIGITAL MIC 2 INPUT
DAC1_PB
FDSP_CH0_DOUT
MCLK2_OUT
AIFCLK_A
AIFCLK_B
÷ (P + 1)
5-BIT DIVIDER
P = 0 TO 31
÷1 TO 32
48kHz × 256
44.1kHz × 256
32kHz × 256
CLK2 OUT
×1024
÷N
EXTERNAL CLOCK > 8MHz
BCLKA
BCLKB
BCLKC
MCLK1
LRCLKA
LRCLKB
LRCLKC
GPIO1
GPIO2
GPIO3
GPIO4
MCLK2
DPLLA_REF_SEL
DPLLA_NDIV
1....1024
IN 11 STEPS
8kHz TO 8MHz
REG. 0x28 DPLLA_CTRL
DPLLA
PLLB
PLLA
DPLLA_CLK_OUT
DPLLA LOCK
INDICATOR
fINA
÷ X
× (R + N/M)
REG. 0x29 THROUGH REG. 0x2E PLLA CONTROL REGISTER
EXTERNAL CLOCK
(1024 × 48kHz)/(1024 × 44.1kHz)
PLLA BYPASS
CORE CLOCK ENABLE
PLL
X = 1 TO 4
X = 1 DEFAULT
R = 0 TO 15
M AND N 16-BIT BINARY NUMBER
R = 2 DEFAULT
M = 253 DEFAULT
N = 0 DEFAULT
APLLA CLOCK OUT
ANALOG PLLA
ANALOG PLLB
CLK1SDIV
ADC CLK/
DAC1/2 CLK
MCLK1 OUT
AIFCLKB
÷ (J + 1)
3-BIT DIVIDER
J = 0 TO 7
÷1 TO 8
÷ 2
÷ (P + 1)
5-BIT DIVIDER
P = 0 TO 31
÷1 TO 32
INT CLK/
DEC CLK/
FDSP CLK
ASRC CLK/
AIFCLKA
MCLK1DIV
CLK1_SOURCE_DIV (REG. 0x40)
CLK1ODIV
CLK1_OUTPUT_DIV (REG. 0x41)
CLK2ODIV
CLK2_OUTPUT_DIV (REG. 0x43)
128 ×
fs
128 ×
fs
256 ×
fs
÷ (K + 1)
3-BIT DIVIDER
K = 0 TO 7
÷1 TO 8
32kHz × 256
44.1kHz × 256
48kHz × 256
256 ×
fs
CLK2SDIV
÷ (J + 1)
3-BIT DIVIDER
J = 0 TO 7
÷1 TO 8
MCLK2DIV
CLK2_SOURCE_DIV (REG. 0x42)
÷ (K + 1)
3-BIT DIVIDER
K = 0 TO 7
÷1 TO 8
CLK1 OUT
×1024
DMIC_CLK
DIGITAL MIC 1 INPUT
ANALOG IN MIXER
OUTPUT MIXER
DECIMATOR
DAC2_PB
AIFA_REC
AIFA_PB
AIFB_REC
AIFB_PB
AIFC_REC
AIFC_PB
FDSP_CH0_DIN
FDSP_CH1_DOUT
FDSP_CH1_DIN
FDSP_CH2_DOUT
FDSP_CH2_DIN
FDSP_CH3_DOUT
FDSP_CH3_DIN
FDSP_CH4_DOUT
FDSP_CH4_DIN
DEC_CLK (128 × fS)
DEC_CLK (128 × fS)
DEC_CLK (128 × fS)
DEC_CLK (128 × fS)
FDSP_CLK (128 × fS)
ASRC_CLK (256 × fS)
MIX/MUX
BCLK_A
DOUT_A
DIN_A
FS_A_INT
BCLK_A
DOUT_A
DIN_A
FS_DSP
BCLK_DSP
DOUT_DSP
DIN_DSP
FS_B_EXT
ASRCB
DIGITAL
AUDIO
INTERFACE B
AIFCLK_A
AIFCLK_B
BCLK_B
DOUT_B
DIN_B
FS_B_INT
BCLK_B
DOUT_B
DIN_B
FS_DSP
BCLK_DSP
DOUT_DSP
DIN_DSP
FS_C_EXT
ASRCC
DIGITAL
AUDIO
INTERFACE C
AIFCLK A
AIFCLK B
(256 × fS)
BCLK_C
DOUT_C
DIN_C
FS_C_INT
BCLK_C
DOUT_C
DIN_C
FS_DSP
BCLK_DSP
DOUT_DSP
DIN_DSP
fINB
Figure 93. Clock Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com