Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 296 page
background image
ADAU1373
Rev. 0 | Page 35 of 296
–20
0
–40
–60
–80
–100
–120
–140
–160
–180
FREQUENCY (kHz)
17.5
15.0
12.5
7.5
5.0
2.5
10.0
20.0
0
Figure 67. FFT, −1 dBFS, Digital In
→ Digital Out
1
0.1
0.01
0.001
FREQUENCY (Hz)
100
1k
10k
Figure 68. THD + N vs. Frequency, 0 dBFS, Digital In
→
Digital Out
0
–20
–40
–60
–80
–100
–120
–140
–10
–30
–50
–70
–90
–110
–130
SAMPLE RATE FREQUENCY (kHz)
17.5
12.5
10.0
15.0
20.0
27.5
22.5
25.0
30.0
37.5
32.5
35.0
40.0
47.5
42.5
45.0
Figure 69. DNR vs. fS Out Sample Rate, fS In = 8 kHz, ASRC
SAMPLE RATE FREQUENCY (kHz)
–20
0
–40
–60
–80
–100
–120
–140
10
15
20
25
30
35
40
45
Figure 70. DNR vs. fS Out Sample Rate, fS In = 8 kHz, ASRC
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
SAMPLE RATE FREQUENCY (kHz)
17.5
12.5
10.0
15.0
20.0
27.5
22.5
25.0
30.0
37.5
32.5
35.0
40.0
47.5
42.5
45.0
Figure 71. THD + N vs. fS Out Sample Rate, fS In = 8 kHz, ASRC
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
SAMPLE RATE FREQUENCY (kHz)
17.5
12.5
10.0
15.0
20.0
27.5
22.5
25.0
30.0
37.5
32.5
35.0
40.0
47.5
42.5
45.0
Figure 72. THD + N vs. fS Out Sample Rate, fS In = 48 kHz, ASRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com