Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 60 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 296 page
background image
ADAU1373
Rev. 0 | Page 60 of 296
–14
–16
–18
–20
–22
0.2
–1.0
–0.5
0
0.5
1.0
0.1
0
–0.1
–0.2
0
1000
2000
3000
4000
5000
6000
7000
8000
DRC GAIN (dB)
OUTPUT
INPUT
RELEASE (DECAY) TIME
(NO HOLD TIME)
(DRCTHY1)
LIMITER TARGET LEVEL
(DRCTHY1)
ATTACK TIME
(DRCLELATT)
LIMITER THRESHOLD
(DRCTHX1)
Figure 108. Limiter Dynamic Behavior—Working Example
OUTPUT
–14
–15
–18
–17
–16
–19
–20
–21
0
1000
2000
3000
4000
5000
6000
7000
8000
DRC GAIN (dB)
HOLD TIME DURING
RECOVERY
(DRCHTNOR)
0.2
–1.0
–0.5
0
0.5
1.0
0.1
0
–0.1
–0.2
INPUT
Figure 109. Limiter Dynamic—Working Example Showing Hold Time
0
1000
2000
3000
4000
5000
6000
0
4000
5000
6000
0
1000
2000
3000
4000
5000
6000
DRC GAIN (dB)
2
1
0
–1
–2
10
0
–10
–20
–30
INPUT
NOISE GATE
THRESHOLD
(DRCTHX4)
1.0
0.5
0
–0.5
–1.0
NOISE GATE RECOVERY
(DECAY) TIME
HOLD
TIME FOR
NOISE GATE
x10–4
x10–4
OUTPUT
ATTACK
TIME
3000
1000
2000
Figure 110. Noise Gate Dynamic—Working Example
Working Example
If the required LPF cutoff frequency is 20 kHz, the HPF cutoff
frequency is 350 Hz, low band crossover frequency is 1 kHz, and
high band crossover frequency is 8 kHz, as shown in Figure 111.
H(f)
350
20000
8000
1000
fIN (Hz)
LOW
BAND
MID
BAND
HIGH
BAND
Figure 111. MDRC Example
The DRC can generate an interrupt request when enabled. See
Table 21 for a listing of the interrupt request register and bit
controls.
•
To configure MDRC HPF and LPF, set Register 0xB0 to 0x1A.
•
To configure MDRC crossover frequencies, set Register 0xB1
to 0x79.
•
To enable MDRC HPF and LPF, set Register 0xB2 to 0x07.
Table 21. Interrupt Request Register and Bit Controls
Register
Address
Bits
Bit Name
Function
0x8F, 0x9F, 0xAF
1
DRCIRQ_MODE
DRC interrupt mode. 0: selects the input signal rms value as the interrupt source; 1: selects the
ratio between the peak and rms signal of the input signal.
0x8F, 0x9F, 0xAF
0
DRCIRQ_EN
DRC interrupt enable.
0x8E, 0x9E, 0xAE
[6:2]
SIG_DET_RMS
RMS detector level. Defines the rms value above which the IRQ circuits send out the
interruption signal when the DRCIRQ_MODE bit = 0. Available range: −76.5 dB to −30 dB.
0x8E, 0x9E, 0xAE
[1:0]
SIG_DET_PK
Peak to rms detector ratio. Defines the peak to rms value above which the IRQ circuits send
out the interruption signal when the DRCIRQ_MODE bit = 1. Available range: 12 dB to 30 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com