Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 296 page
background image
ADAU1373
Rev. 0 | Page 36 of 296
–20
0
–40
–60
–80
–100
–120
–140
FREQUENCY (kHz)
17.5
15.0
12.5
7.5
5.0
2.5
010.0
20.0
Figure 73. FFT, −60 dBFS, Analog In
→ ADC → DAC → Line Out
–20
0
–40
–60
–80
–100
–120
–140
FREQUENCY (kHz)
17.5
15.0
12.5
7.5
5.0
2.5
0
10.0
20.0
Figure 74. FFT, −1 dBFS, Analog In
→ ADC → DAC → Line Out
CH4 1V
100MS/s
1M POINTS
1ms
4
B1
T
4.264ms
BW
B1 START
Figure 75. Turn On Speaker Out
CH4 1V
1.25GS/s
1M POINTS
80µs
4
B1
T
357.6µs
BW
B1 START
DATA: 41
DATA: 27
A[W]: 1A
Figure 76. Turn Off Speaker Out
CH4 500mV
25MS/s
1M POINTS
4ms
4
B1
T
16.7776ms
B1 START
BW
Figure 77. Turn On Headphone Out
CH4 500mV
100MS/s
1M POINTS
1ms
4
B1
T
2.0176ms
BW
B1 START
Figure 78. Turn Off Headphone Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com