Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 49 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 296 page
background image
ADAU1373
Rev. 0 | Page 49 of 296
SAMPLING RATES
The ADCs, DACs, and DSP share a common sampling rate (fS)
that is determined based on the core clock rate. Three digital
audio interface ports are available for the ADAU1373. Each port
is provided with an asynchronous sample rate converter (ASRC).
If the ASRCs are used, the sample rate at the digital ports can be
different from the internal sample rate. However, the sample rate
used internally must be equal to or higher than the sample rate
at the ports.
SETTING THE PLL AND CLOCK RATES
For proper operation of the ADAU1373, the device must be set
for correct clock rates. Following are the recommended steps:
Step 1—Sample Rate (fS)
Determine the desired operating sample rate (fS) for the internal
blocks. fS is based on either 48 kHz (48 kHz, 32 kHz, 24 kHz,
16 kHz, 8 kHz) or 44.1 kHz (44.1 kHz, 22.05 kHz, 11.025 kHz,
8.0182 kHz). If the ASRCs are bypassed, this is the operating
sample rate at Digital Audio Interface A, Digital Audio Interface B,
and Digital Audio Interface C.
Step 2—Determine Divider J and Divider K
The PLL output or external clock input is divided down to get
the required 256 × fS core clock. Two clock dividers (CLK1SDIV,
Bits[5:3], and MCLK1DIV, Bits[2:0] in Register 0x40 for PLLA and
CLK2SDIV, Bits[5:3], and MCLK2DIV, Bits[2:0] in Register 0x42
for PLLB) are provided; each clock divider can be set from 1 to 8.
The CLKxSDIV bits set the K value, and the MCLKxDIV bits
set the J value of the divider. See Figure 93 for more details. See
Table 14, Table 15, and Table 16 for some possible options.
Next, depending on the whether the direct external clock or
PLL is used, select the appropriate equation from the following
sections.
External Mode
In the external mode, the external clock frequency determines
the internal device operation clock rate.
If using external mode,
fIN = 256 × D × fS
where D = (J + 1) × (K + 1).
For external clock use, see Table 14, Table 15, and Table 16 for
some possible choices.
Note that clock input frequencies above 50 MHz, although
possible, require careful attention—especially on clock driver
and board layout to maintain signal integrity and lower EMI.
Table 14. 48 kHz Sample Rate (fS)
Input MCLK
Register Setting
Divider
Divider Ratio
Register Setting
Divider
Divider Ratio
fIN
CLKxSDIV, Bits[5:3]
K = 0
K + 1
MCLKxDIV, Bits[5:3]
J
J + 1
256 × fS (12.288 MHz)
000
0
1
000
0
1
512 × fS (24.576 MHz)
000
0
1
001
1
2
768 × fS (36.864 MHz)
000
0
1
010
2
3
1024 × fS (49.152 MHz)
000
0
1
011
3
4
Table 15. 44.1 kHz Sample Rate (fS)
Input MCLK
Register Setting
Divider
Divider Ratio
Register Setting
Divider
Divider Ratio
fIN
CLKxSDIV, Bits[5:3]
K = 0
K + 1
MCLKxDIV, Bits[5:3]
J
J + 1
256 × fS (11.289 MHz)
000
0
1
000
0
1
512 × fS (22.5792 MHz)
000
0
1
001
1
2
768 × fS (33.8688 MHz)
000
0
1
010
2
3
1024 × fS (45.1584 MHz)
000
0
1
011
3
4
Table 16. 32 kHz Sample Rate (fS)
Input MCLK
Register Setting
Divider
Divider Ratio
Register Setting
Divider
Divider Ratio
fIN
CLKxSDIV, Bits[5:3]
K = 0
K + 1
MCLKxDIV, Bits[5:3]
J
J + 1
256 × fS (8.192 MHz)
000
0
1
000
0
1
512 × fS (16.384 MHz)
000
0
1
001
1
2
768 × fS (24.576 MHz)
000
0
1
010
2
3
1024 × fS (32.768 MHz)
000
0
1
011
3
4
1280 × fS (40.96 MHz)
000
0
1
100
4
5
1536 × fS (49.152 MHz)
000
0
1
101
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com