Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 87 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 83Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 84Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 85Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 86Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 87Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 88Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 89Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 90Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 296 page
background image
ADAU1373
Rev. 0 | Page 87 of 296
Table 40. Bit Descriptions for AIN3L_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
RW
[4:0]
AIN3LVOL
Analog Channel 3 Input Volume Control.
0x00
RW
00000
PGA = Mute, Boost Mode = Mute
00001
PGA = −12 dB, Boost Mode = 0 dB
00010
PGA = −11 dB, Boost Mode = 0 dB
00011
PGA = −10 dB, Boost Mode = 0 dB
00100
PGA = −9 dB, Boost Mode = 0 dB
00101
PGA = −8 dB, Boost Mode = 0 dB
00110
PGA = −7 dB, Boost Mode = 0 dB
00111
PGA = −6 dB, Boost Mode = 0 dB
01000
PGA = −5 dB, Boost Mode = 0 dB
01001
PGA = −4 dB, Boost Mode = 0 dB
01010
PGA = −3 dB, Boost Mode = 0 dB
01011
PGA = −2 dB, Boost Mode = 0 dB
01100
PGA = −1 dB, Boost Mode = 0 dB
01101
PGA = 0 dB, Boost Mode = 0 dB
01110
PGA = 1 dB, Boost Mode = 9 dB
01111
PGA = 2 dB, Boost Mode = 9 dB
10000
PGA = 3 dB, Boost Mode = 9 dB
10001
PGA = 4 dB, Boost Mode = 9 dB
10010
PGA = 5 dB, Boost Mode = 9 dB
10011
PGA = 6 dB, Boost Mode = 9 dB
10100
PGA = 7 dB, Boost Mode = 20 dB
10101
PGA = 8 dB, Boost Mode = 20 dB
10110
PGA = 9 dB, Boost Mode = 20 dB
10111
PGA = 10 dB, Boost Mode = 20 dB
11000
PGA = 11 dB, Boost Mode = 20 dB
11001
PGA = 12 dB, Boost Mode = 20 dB
11010
PGA = 13 dB, Boost Mode = 20 dB
11011
PGA = 14 dB, Boost Mode = 20 dB
11100
PGA = 15 dB, Boost Mode = 20 dB
11101
PGA = 16 dB, Boost Mode = 20 dB
11110
PGA = 17 dB, Boost Mode = 20 dB
11111
PGA = 18 dB, Boost Mode = 20 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com