Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 296 page
background image
ADAU1373
Rev. 0 | Page 24 of 296
Pin
No.
Mnemonic
Type
Description
H1
SPKRN
A_OUT
Right Channel Speaker Output, Negative.
H2, H3
SPKVDD
PWR
Supply for Speaker Amplifier.
H4, H5
SPKGND
PWR
Ground for Speaker Amplifier.
H6
EPP
A_OUT
Earpiece Amplifier Output, Positive.
H7
CPVSS
PWR
Headphone Amplifier Charge Pump, Negative Supply Output. Decouple this pin to HPGND with
a 1 μF MLCC X7R capacitor.
H8
HPVDD
PWR
1.62 V to 2 V Supply for Headphone Amplifier Charge Pump. Decouple this pin to AGND with a 1 μF
capacitor.
H9
CPVDD
PWR
Headphone Amplifier Charge Pump, Positive Supply Output. Decouple this pin to HPGND with a 1 μF
MLCC X7R capacitor.
J1
SPKGND
PWR
Ground for Speaker Amplifier.
J2
SPKRP
A_OUT
Right Channel Speaker Output, Positive.
J3
SPKLN
A_OUT
Left Channel Speaker Output, Negative.
J4
SPKLP
A_OUT
Left Channel Speaker Output, Positive.
J5
SPKGND
PWR
Ground for Speaker Amplifier.
J6
EPN
A_OUT
Earpiece Amplifier Output, Negative.
J7
CF2
PWR
Charge Pump Flying Capacitor Connection 2.
J8
HPGND
PWR
Charge Pump Ground.
J9
CF1
PWR
Charge Pump Flying Capacitor Connection 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com