Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 296 page
background image
ADAU1373
Rev. 0 | Page 59 of 296
The DRCs consist of both peak and rms signal detectors.
Either the peak or the rms detector can be assigned for noise gate,
compressor/expander, and limiter. Bits[5:3] in Register 0x8D,
Register 0x9D, and Register 0xAD are provided for selecting the
detectors, as follows:
•
The DRCNGSRC bit (Bit 5) can be used for selecting the
noise gate detector.
•
The DRCCESRC bit (Bit 4) can be used for selecting the
compressor/expander detector.
•
The DRCLMSRC bit (Bit 3) can be used for selecting the
limiter detector.
The DRC can be set to function as limiter, compressor,
expander, or noise gate. See Figure 107 for the input/output plot
showing the various modes of operation of the DRC.
The DRC allows flexibility in setting up the thresholds, as well
as attack and release time controls. The DRC allows independent
adjustment of the thresholds by providing control of the x-axis
and y-axis using Register 0x82 to Register 0x89 for DRC1,
Register 0x92 to Register 0x99 for DRC2, and Register 0xA2
to Register 0xA9 for DRC3. Bit DRCTHX1 to Bit DRCTHX4 in
these registers can be used to set the input level threshold point
on the x-axis, and Bit DRCTHY1 to Bit DRCTHY4 can be used
to set the output level point on the y-axis. The available range is
−96 dB to 0 dB for each threshold.
OUTPUT
DRCTHY1
DRCTHY2
DRCTHY3
DRCTHY4
LIMITER
COMPRESSOR
POINT1
POINT2
POINT3
POINT4
EXPANDER
NOISE GATE
INPUT
DRCTHX4 DRCTHX3
DRCTHX2 DRCTHX1
Figure 107. DRC Output vs. Input Plot
The DRC gain can be set using the DRCG bits (Bits[5:2]) in
Register 0x8C, Register 0x9C, and Register 0xAC. The range
available is −24 dB to +21 dB. See Table 19 for a listing of the
DRC detector selection registers and bits and their functions.
Table 20 lists the registers and bits that control the dynamic
behavior of the DRC.
Table 19. DRC Setting Bits and Functions
Register Address
Bits
Bit Name
Description
0x8C, 0x9C, 0xAC
[5:2]
DRCG
Sets the DRC gain; available range is from −24 dB to +21 dB.
0x8D, 0x9D, 0xAD
7
DRCNGTGT
Sets the DRC noise gate target.
0x8D, 0x9D, 0xAD
6
DRCNGHDEN
Enables or disables the DRC noise gate recovery hold.
0x8D, 0x9D, 0xAD
5
DRCNGSRC
Selects the DRC noise gate level detector; selects either rms or peak detector.
0x8D, 0x9D, 0xAD
4
DRCCESRC
Selects the DRC compressor/expander level detector; selects either rms or peak detector.
0x8D, 0x9D, 0xAD
3
DRCLMSRC
Selects the DRC limiter level detector; selects either rms or peak detector.
0x8D, 0x9D, 0xAD
2
DRCNGEN
Noise gate enable control; provides independent noise gate control.
0x8D, 0x9D, 0xAD
[1:0]
DRCEN
DRC enable control; enables or disables the DRC. The input source for the DRC can be
selected as left channel, right channel, or both.
Table 20. DRC Dynamic Behavior Control
Register Address
Bits
Bit Name
Description
0x80, 0x90, 0xA0
[3:0]
DRCLELTAV
Sets rms signal detector averaging time. Available range is from 750 μs to 24.576 sec.
0x81, 0x91, 0xA1
[7:4]
DRCLELATT
Sets DRC attack time. Available range is 46.875 μs to 1.536 sec.
0x81, 0x91, 0xA1
[3:0]
DRCLELDEC
Sets DRC decay (release) time. Available range is 0.75 ms to 24.576 sec.
0x8A, 0x9A, 0xAA
[7:4]
DRCGSATT
Sets DRC gain smooth attack time. Available range is 46.875 μs to 1.536 sec.
0x8A, 0x9A, 0xAA
[3:0]
DRCGSDEC
Sets DRC gain smooth decay time. Available range is 0.75 ms to 24.576 sec.
0x8B, 0x9B, 0xAB
[7:4]
DRCHTNOR
Sets DRC normal operation hold time. Available range is from 0 ms up to 1.37 sec; value
increments by 2× the previous value, beginning with 0.67 ms.
0x8B, 0x9B, 0xAB
[3:0]
DRCHTNG
Sets DRC noise gate hold time. Available range is from 0 ms up to 1.37 sec; value increments by
2× the previous value, beginning with 0.67 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com