Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 66 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 63Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 296 page
background image
ADAU1373
Rev. 0 | Page 66 of 296
3D ENHANCEMENT
The 3D enhancement block can be used to widen the stereo
separation between the left and right signals.
Table 29 and Table 30 show the two 3D enhancement registers,
E3D_CTRL1 and E3D_CTRL2 (Address 0xC0 and Address 0xC1,
respectively). These registers provide control to enhance the
depth and level of the signal. The low-pass filter cutoff frequency
determines the frequency at which the effect begins to occur.
The 3D enhancement increases the gain of the signal, which can
be controlled by the E3D_GAIN bits (Register 0xC1, Bits[3:1]).
In addition, the depth of the 3D effect can be adjusted using the
E3D_ALPHA bits (Register 0xC0, Bits[3:0]). The depth must be
set to the desired effect based on the signal and setup.
Table 29. Bit Descriptions for Register 0xC0, E3D Enhancement Control 1 (E3D_CTRL1)
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
E3D_LEVEL
3D enhancement level control
0x0
RW
0000
0%, no 3D effect
0001
6.67%
0010
13.33%
0011
20%
0100
26.67%
0101
33.33%
0110
40%
0111
46.67%
1000
53.33%
1001
60%
1010
66.67%
1011
73.33%
1100
80%
1101
86.67%
1110
93.33%
1111
100%
[3:0]
E3D_ALPHA
3D separate filter cutoff frequency
0x0
RW
0000
No 3D effect
0001
1.5 kHz at 48 kHz sampling rate
0010
2.2 kHz at 48 kHz sampling rate
0011
3.6 kHz at 48 kHz sampling rate
0100
5.5 kHz at 48 kHz sampling rate
0101
8.1 kHz at 48 kHz sampling rate
0110
13 kHz at 48 kHz sampling rate
Table 30. Bit Descriptions for E3D Enhancement Control 2, Register 0xC1 (E3D_CTRL2)
Bits
Bit Name
Settings
Description
Reset
Access
[3:1]
E3D_GAIN
3D enhancement gain setting
0x0
RW
000
E3D gain: 1
001
E3D gain: 0.125
010
E3D gain: 0.25
011
E3D gain: 0.375
100
E3D gain: 0.5
101
E3D gain: 0.625
110
E3D gain: 0.75
111
E3D gain: 0.875
0
E3D_EN
3D enhancement enable control
0x0
RW
0
Enhancement disable
1
Enhancement enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com