Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 296 page
background image
ADAU1373
Rev. 0 | Page 32 of 296
FREQUENCY (Hz)
10k
1k
100
1
10
0.1
0.01
0.001
Figure 49. THD + N vs. Frequency, −20 dBFS,16 Ω, Digital In
→ Headphone Out
0
10
20
30
40
50
60
1.62
1.72
1.82
1.92
SUPPLY VOLTAGE (V)
10% THD + N
1% THD + N
Figure 50. Output Power vs. HPVDD, 16 Ω, Digital In
→ Headphone Out
0
10
20
30
35
25
15
15
40
45
1.62
1.72
1.82
1.92
SUPPLY VOLTAGE (V)
10% THD + N
1% THD + N
Figure 51. Output Power vs. HPVDD, 32 Ω, Digital In
→ Headphone Out
100
1k
FREQUENCY (Hz)
10k
–120
–60
–105
–100
–115
–110
–95
–90
–85
–80
–75
–70
–65
Figure 52. PSRR vs. Frequency, 16 Ω, Digital In
→
Headphone Out
FREQUENCY (Hz)
1k
100
10k
–17
–18
–19
–20
–21
–22
–23
Figure 53. Frequency Response, −20 dBFS, 16 Ω, Digital In
→ Headphone Out
FREQUENCY (kHz)
17.5
15.0
12.5
7.5
5.0
2.5
0
10.0
20.0
–20
0
–40
–60
–80
–100
–120
–140
Figure 54. FFT, −60 dBFS, 32 Ω, Digital In
→ Earpiece Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com