Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 296 page
background image
ADAU1373
Rev. 0 | Page 47 of 296
DPLL
The DPLL consists of a phase comparator, followed by a high-
pass filter and integrators. The following equation shows the
relationship of input-to-output frequency:
fOUT = (fIN/ND) × MD
where:
fOUT is the DPLL output frequency (8 MHz to 27 MHz).
fIN is the DPLL input frequency (8 kHz to 8 MHz).
ND is the divider. It can be set to 1, 2, 4, 8, 16, 32, 64, 128, 256, 512,
or 1024, using Bits[3:0] (DPLLA_NDIV) in Register 0x28 for
DPLLA and Bits[3:0] (DPLLB_NDIV) Register 0x2F for DPLLB.
MD is the multiplier (fixed internally to 1024).
DPLL Divider Example
fIN = 8 kHz
fOUT = 8 MHz
ND = 8 × 1024/8 = 1.024
Setting ND to 1 results in fOUT ≥ 8 MHz. Therefore, ND should
be set to 1.
Core Clock
The core clock is derived directly from the external clock at the
MCLK1 or MCLK2 pins or from the PLL. The PLLA_EN bit for
PLLA (Bit 0 in Address 0x2E) and the PLLB_EN bit for PLLB
(Bit 0 in Address 0x35) can be used to enable or disable the
PLL. Clocks for the converters, the serial ports, and the DSP are
derived from the core clock. The core clock rate is always an
integer multiple of the desired sample rate used inside the part.
Case 1—PLL Bypassed (Using External Clock as Core Clock)
If the PLL is bypassed, the clock available at MCLK1 (Ball C2)
or MCLK2 (Ball D1) is used as the core clock. Therefore, fCORE = fIN.
As the PLL is bypassed, the frequency of the clock at the MCLKx
pins must be set properly, using the clock divider bits, CLK1SDIV,
Bits[5:3], and MCLK1DIV, Bits[2:0], in Register 0x40 for PLLA and
CLK2SDIV, Bits[5:3], and MCLK2DIV, Bits[2:0] in Register 0x42
for PLLB. The required external clock rate can be determined by
the following equation, in which J and K are the clock dividers:
fIN = 256 × fS × (J + 1) × (K + 1)
See Table 14, Table 15, and Table 16 for some possible options
for external clock rates. Note that clock rates greater than 50 MHz
require careful attention to the clock driver and board layout to
maintain signal integrity.
Be sure that this clock is available to the MCLKx input pins
before enabling the COREN bit (Bit 7, core clock enable) in
Register 0x40.
Case 2—PLL Enabled
The internal PLL can be used to generate the core clock from
the external clock. The internal PLL has two modes of operation:
integer mode and fractional mode. Therefore, fCORE = fPLL.
APLL
The APLL provides the fine resolution required to generate clocks
for the internal blocks. It uses either the clock input at the MCLK1
pin (Ball C2) or a DPLL output as a reference to generate the core
clock. The PLL can be set for either integer or fractional mode.
The PLL multiplier and divider (X, R, M, and N) are programmed
using Register 0x29 to Register 0x2D for PLLA and Register 0x30
to Register 0x34 for PLLB. The PLL can accept input frequencies in
the range of 8 MHz to 27 MHz, either directly from an external
source, if the external clock input is greater than 8 MHz, or from
the DPLL, if the external clock input is within a range of 8 kHz
to 8 MHz. The PLL lock range is 45.158 MHz to 49.152 MHz.
This sets the PLL output frequency based on the sample rate
governed by the following equation:
fPLL = 256 × fS × (J + 1) × (K + 1)
where J, K = 0, 1, 2, …7.
fIN
÷X
TO PLL
CLOCK DIVIDER
× (R + N/M)
Figure 94. APLL Block Diagram
The APLL can be used in either integer mode or fractional mode.
Integer Mode
Integer mode is used when the MCLK frequency is an integer
multiple of the PLL output (1024 × fS) frequency, governed by
the following equation:
fPLL = (R/X) × fIN
where fPLL = 1024 × fS
For example, if fIN = 12.288 MHz and fS = 48 kHz, then
fPLL (PLL Required Output) = 1024 × 48 kHz = 49.152 MHz
R/X = 49.152 MHz/12.288 MHz = 4
Therefore, R and X are set as follows: R = 4, and X = 1 (default).
In integer mode, the values set for N and M are ignored. Table 13
shows common integer PLL parameter settings for fS = 48 kHz
sampling rates.
Fractional Mode
Fractional mode is used when the available MCLK is a fractional
multiple of the desired PLL output; it is governed by the following:
fPLL = fIN × (R + (N/M))/X
For example, MCLK = 12 MHz and fS = 48 kHz.
The PLL output is 1024 × fS.
PLL Output = 1024 × 48 kHz = 49.152 MHz
To find the values of R, N, and M, use the following equation:
fPLL = fIN × (R + (N/M))/X
where fPLL = 49.152, and fIN = 12 MHz.
(R + (N/M))/X = 49.152 MHz/12 MHz = 4 + (12/125)
See Table 11 and Table 12 for common fractional PLL parameter
settings for 44.1 kHz and 48 kHz sampling rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com