Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 296 page
background image
ADAU1373
Rev. 0 | Page 31 of 296
100
1k
10k
FREQUENCY (Hz)
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
–120
Figure 43. PSRR vs. Frequency Ripple on SPKVDD, 8 Ω + 33 μH,
Digital In
→ Speaker Out
OUTPUT POWER (mW)
1600
1400
1200
1000
800
600
400
200
0
SPKVDD = 3.6V
SPKVDD = 4.2V
SPKVDD = 5V
40
30
20
10
60
90
80
0
50
70
100
Figure 44. Efficiency vs. Output Power, 8 Ω + 33 μH, Digital In
→ Speaker Out
–20
0
–40
–60
–80
–100
–120
–140
FREQUENCY (kHz)
17.5
15.0
12.5
7.5
5.0
2.5
0
10.0
20.0
Figure 45. FFT, −60 dBFS, 16 Ω, Digital In
→ Headphone Out
–20
0
–40
–60
–80
–100
–120
–140
FREQUENCY (kHz)
17.5
15.0
12.5
7.5
5.0
2.5
010.0
20.0
Figure 46. FFT, −1 dBFS, 16 Ω, Digital In
→ Headphone Out
1
10
0.1
0.01
0.001
OUTPUT POWER (W)
100µ
10µ
1m
10m
Figure 47. THD + N vs. Output Power, 16 Ω, Digital In
→ Headphone Out
OUTPUT POWER (W)
1
10
0.1
0.01
0.001
100µ
10µ
1m
10m
Figure 48. THD + N vs. Output Power, 32 Ω, Digital In
→ Headphone Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com