Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 296 page
background image
ADAU1373
Rev. 0 | Page 42 of 296
IN1L
IN2L
IN3L
IN4L
DAC1L
DAC1R
DAC2L
DAC2R
1IF USING GROUND NOISE REJECTION FEATURE, CONNECT AT THE
LINEOUT SOCKET GROUND PIN.
STEREO
L+R TO LEFT
L+R TO RIGHT
MUTE
C7
E7
C1
LOUT1L/
LOUTLP
LN1FBIN
LINEOUT1
LEFT
IN1R
IN2R
IN3R
IN4R
DAC1L
DAC1R
DAC2L
DAC2R
STEREO
L+R TO LEFT
L+R TO RIGHT
MUTE
D7
C3
LOUT1R/
LOUTRP
LINEOUT1
RIGHT
DIFF
UNBAL
–75dB TO 0dB
ADAU1373
–75dB TO 0dB
C2
IN1L
IN2L
IN3L
IN4L
DAC1L
DAC1R
DAC2L
DAC2R
STEREO
L+R TO LEFT
L+R TO RIGHT
MUTE
D8
E8
C4
LOUT2L/
LOUTLN
LN2FBIN
LINEOUT2
LEFT
IN1R
IN2R
IN3R
IN4R
DAC1L
DAC1R
DAC2L
DAC2R
STEREO
L+R TO LEFT
L+R TO RIGHT
MUTE
D9
C6
LOUT2R/
LOUTRN
LINEOUT2
RIGHT
DIFF
UNBAL
–75dB TO 0dB
–75dB TO 0dB
C5
1
1
LINE OUTPUT – STEREO SINGLE-ENDED (UNBALANCED)
L + R MIX
1µF
2.2µF
1µF
1µF
2.2µF
1µF
R2
47kΩ
R1
47kΩ
R4
47kΩ
R3
47kΩ
Figure 87. Line Output Block Diagram, Stereo Single-Ended
IN1L
IN2L
IN3L
IN4L
DAC1L
DAC1R
DAC2L
DAC2R
1IF USING GROUND NOISE REJECTION FEATURE, CONNECT AT THE
LINEOUT SOCKET GROUND PIN.
STEREO
L + R TO LEFT
L + R TO RIGHT
MUTE
C7
E7
C1
1µF
2.2µF
1µF
1µF
2.2µF
1µF
LOUT1L/
LOUTLP
LN1FBIN
LINEOUT LEFT +
IN1R
IN2R
IN3R
IN4R
DAC1L
DAC1R
DAC2L
DAC2R
STEREO
L + R TO LEFT
L + R TO RIGHT
MUTE
D8
C3
LOUT2L/
LOUTLN
LINEOUT LEFT –
DIFF
UNBAL
–75dB TO 0dB
ADAU1373
–75dB TO 0dB
C2
R2
47kΩ
R1
47kΩ
R4
47kΩ
R3
47kΩ
IN1L
IN2L
IN3L
IN4L
DAC1L
DAC1R
DAC2L
DAC2R
STEREO
L + R TO LEFT
L + R TO RIGHT
MUTE
D7
E8
C4
LOUT1R/
LOUTRP
LN2FBIN
LINEOUT RIGHT +
IN1R
IN2R
IN3R
IN4R
DAC1L
DAC1R
DAC2L
DAC2R
STEREO
L + R TO LEFT
L + R TO RIGHT
MUTE
D9
C6
LOUT2R/
LOUTRN
LINEOUT RIGHT –
DIFF
UNBAL
–75dB TO 0dB
–75dB TO 0dB
C5
1
1
LINE OUTPUT – STEREO DIFFERENTIAL
L + R MIX
Figure 88. Line Output Block Diagram, Stereo Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com