Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 296 page
background image
ADAU1373
Rev. 0 | Page 21 of 296
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 7.
Parameter
Rating
Power Supply
SPKVDD, IOVDDx
−0.3 V to +5.5 V
DVDD, AVDD
−0.3 V to +1.98 V
HPVDD
−0.3 V to +1.98 V
Analog Input Voltage (Signal Pins)
AIN4R/AIN4N, AIN3R/AIN3N,
AIN2R/AIN2N, AIN1R/AIN1N,
AIN4L/AIN4P, AIN3L/AIN3P,
AIN2L/AIN4P, AIN1L/AIN1P
–0.3 V to AVDD + 0.3 V
Digital Input Voltage (Signal Pins)
MCLK1, BCLKA, LRCLKA, SDATAINA,
GPIO1
–0.3 V to IOVDD1 + 0.3 V
MCLK2, BCLKB, LRCLKB, SDATAINB,
GPIO2
–0.3 V to IOVDD2 + 0.3 V
BCLKC, LRCLKC, SDATAINC, GPIO3
–0.3 V to IOVDD3 + 0.3 V
DMIC1_2_DATA, DMIC3_4_DATA,
DMIC_CLK
–0.3 V to IOVDD4 + 0.3 V
SDA, SCL, GPIO4, MODE, ADDR, SD
–0.3 V to IOVDD5 + 0.3 V
Temperature
Operating Range
−40°C to +85°C
Storage Range
−65°C to +150°C
Junction Range
−65°C to +165°C
Lead Temperature (Soldering, 60 sec)
300°C
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 8. Thermal Resistance
Package Type
θJA
Unit
81-Lead, 4.0 mm × 3.8 mm WLCSP1
30
°C/W
1 Applicable for a 4-layer board. For more information on the WLCSP, see
the AN-617 Application Note, MicroCSP Wafer Level Chip Scale Package
.
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com