Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 296 page
background image
ADAU1373
Rev. 0 | Page 52 of 296
Bits
Bit Name
Settings
Description
3
DPLLx_LOCKED
DPLLx lock (read-only bit). This bit is stored in Register 0x2E for PLLA (Bit 3) and Register
0x35 for PLLB (Bit 3).
0: DPLLx unlocked (default).
1: DPLLx locked.
2
PLLx_LOCKED
APLL lock (read-only bit). This bit is stored in Register 0x2E for PLLA (Bit 2) and Register
0x35 for PLLB (Bit 2).
0: APLL unlocked (default).
1: APLL locked.
1
DPLLx_BYPASS
DPLL bypass bit. This bit is stored in Register 0x2E for PLLA (Bit 1) and Register 0x35 for
PLLB (Bit 1).
0: DPLLx not bypassed (default).
1: DPLLx bypassed.
0
PLLx_EN
APLL enable bit. This bit is stored in Register 0x2E for PLLA (Bit 0) and Register 0x35 for
PLLB (Bit 0).
0: APLL disabled (default).
1: APLL enabled.
DIGITAL MICROPHONE INPUT INTERFACE
ADAU1373
IOVDD4
DMIC1_2_DATA
DMIC_CLK
DMIC3_4_DATA
DMIC1
DMIC2
0.1µF
The ADAU1373 supports the digital microphone inputs.
The digital microphone output data can be connected at the
DMIC1_2_DATA and DMIC3_4_DATA pins (Ball B4 and Ball C6,
respectively). The bit clock for the digital microphone is avail-
able at the DMIC_CLK pin (Ball A4). The bit clock is fixed at
64 × fS (see Figure 5 for the waveforms).
Four digital microphones or two stereo pairs of digital micro-
phones can be connected to the ADAU1373 (see Figure 95
and Figure 96). The single pair of digital microphones shares
the decimator with ADC; therefore, when using DMIC1_2_DATA,
the ADC is not available. However, DMIC3_4_DATA has a
separate decimator and, therefore, can be used independently.
Figure 96. Digital Microphone Connection Diagram for Two Microphones
To enable digital microphone support, the digital recording engine
must be enabled first, using Register 0xEB. The Digital Micro-
phone 1/Digital Microphone 2 engine can be enabled using Bit 2
of Register 0xEB, and the Digital Microphone Input 3/Digital
Microphone 4 engine can be enabled using Bit 3 of Register 0xEB.
ADAU1373
IOVDD4
DMIC1_2_DATA
DMIC_CLK
DMIC3_4_DATA
DMIC1
DMIC2
0.1µF
DMIC3
DMIC4
After the recording engine is enabled, the digital microphone
input block can be enabled using Register 0xE2, Bit 0 for Input 1/
Input 2 (DMIC1_2_DATA) and Bit 2 for Input 3/Input 4
(DMIC3_4_DATA). The digital microphone data input is then
routed through the decimator and the recording engine to
digital mix/mux.
By default, the digital microphone inputs are configured as a stereo
pair. If using only one microphone, use Register 0xE2, Bit 7, to
set it as mono input.
The bit clock required for the digital microphone is available at
the DMIC_CLK pin (Ball A4), and the drive capability can be
set using Register 0xE9, Bit 3.
Figure 95. Digital Microphone Connection Diagram for Four Microphones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com