Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 296 page
background image
ADAU1373
Rev. 0 | Page 34 of 296
–20
0
–40
–60
–80
–100
–120
–140
–160
–180
FREQUENCY (kHz)
17.5
15.0
12.5
7.5
5.0
2.5
0
10.0
20.0
Figure 61. FFT, −60 dBFS, Analog In
→ Digital Out, PGA Gain = 0 dB
–20
0
–40
–60
–80
–100
–120
–140
–160
–180
FREQUENCY (kHz)
17.5
15.0
12.5
7.5
5.0
2.5
10.0
20.0
0
Figure 62. FFT, −1 dBFS, Analog In
→ Digital Out, PGA Gain = 0 dB
FREQUENCY (kHz)
100
1k
10k
–17
–18
–21
–20
–19
–22
–23
Figure 63. Frequency Response, −20 dBFS, Analog In
→
Digital Out, PGA Gain = 0 dB
0
FREQUENCY (Hz)
100
1k
10k
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
–120
Figure 64. CMRR vs. Frequency, Analog In
→ Digital Out,
PGA Gain = 0 dB
100
1k
FREQUENCY (Hz)
10k
–120
–50
–55
–105
–110
–115
–100
–95
–90
–85
–80
–75
–70
–65
–60
Figure 65. PSRR vs. Frequency Ripple on AVDD, Analog In
→
Digital Out, PGA Gain = 0 dB
–20
0
–40
–60
–80
–100
–120
–140
–160
–180
FREQUENCY (kHz)
17.5
15.0
12.5
7.5
5.0
2.5
10.0
20.0
0
Figure 66. FFT, −60 dBFS, Digital In
→ Digital Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com