Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 73 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 74Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 75Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 76Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 296 page
background image
ADAU1373
Rev. 0 | Page 73 of 296
REGISTER MAP SUMMARY (DEFAULT)
Table 34 is the summary of the control registers for the ADAU1373
in default mode using an MDRC, which can be accessed using
an I2C port. Register 0x80 to Register 0xBD are shared with the
seven-band EQ block. Refer to the EQ register map (see Table 245)
for using the EQ function. Register addresses are in hexadecimal
format.
Table 34. Register Summary
Reg Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
00
INPUT_MODE
[7:0]
GAINMODE3
GAINMODE2
GAINMODE1
GAINMODE0
INMODE3
INMODE2
INMODE1
INMODE0
0x00
RW
01
AIN1L_CTRL
[7:0]
RESERVED
AIN1LVOL
0x00
SRST
02
AIN1R_CTRL
[7:0]
RESERVED
AIN1RVOL
0x00
SRST
03
AIN2L_CTRL
[7:0]
RESERVED
AIN2LVOL
0x00
SRST
04
AIN2R_CTRL
[7:0]
RESERVED
AIN2RVOL
0x00
SRST
05
AIN3L_CTRL
[7:0]
RESERVED
AIN3LVOL
0x00
SRST
06
AIN3R_CTRL
[7:0]
RESERVED
AIN3RVOL
0x00
SRST
07
AIN4L_CTRL
[7:0]
RESERVED
AIN4LVOL
0x00
SRST
08
AIN4R_CTRL
[7:0]
RESERVED
AIN4RVOL
0x00
SRST
09
LLINE1_OUT
[7:0]
RESERVED
LLINE1
0x00
SRST
0A
RLINE1_OUT
[7:0]
RESERVED
RLINE1
0x00
SRST
0B
LLINE2_OUT
[7:0]
RESERVED
LLINE2
0x00
SRST
0C
RLINE2_OUT
[7:0]
RESERVED
RLINE2
0x00
SRST
0D
LCD_OUT
[7:0]
RESERVED
LCD
0x00
SRST
0E
RCD_OUT
[7:0]
RESERVED
RCD
0x00
SRST
0F
LHP_OUT
[7:0]
RESERVED
LHP
0x00
SRST
10
RHP_OUT
[7:0]
RESERVED
RHP
0x00
SRST
11
ADC_GAIN
[7:0]
ADCRGAIN3
ADCRGAIN2
ADCRGAIN1
ADCRGAIN0
ADCLGAIN3
ADCLGAIN2
ADCLGAIN1
ADCLGAIN0
0x00
RW
12
LADC_MIXER
[7:0]
RESERVED
ADCLMIX4
ADCLMIX3
ADCLMIX2
ADCLMIX1
ADCLMIX0
0x00
RW1C
13
RADC_MIXER
[7:0]
RESERVED
ADCRMIX4
ADCRMIX3
ADCRMIX2
ADCRMIX1
ADCRMIX0
0x00
RW1C
14
LLINE1MIX
[7:0]
LLINE1MIX7
LLINE1MIX6
LLINE1MIX5
LLINE1MIX4
LLINE1MIX3
LLINE1MIX2
LLINE1MIX1
LLINE1MIX0
0x00
RW1C
15
RLINE1MIX
[7:0]
RLINE1MIX7
RLINE1MIX6
RLINE1MIX5
RLINE1MIX4
RLINE1MIX3
RLINE1MIX2
RLINE1MIX1
RLINE1MIX0
0x00
RW1C
16
LLINE2MIX
[7:0]
LLINE2MIX7
LLINE2MIX6
LLINE2MIX5
LLINE2MIX4
LLINE2MIX3
LLINE2MIX2
LLINE2MIX1
LLINE2MIX0
0x00
RW1C
17
RLINE2MIX
[7:0]
RLINE2MIX7
RLINE2MIX6
RLINE2MIX5
RLINE2MIX4
RLINE2MIX3
RLINE2MIX2
RLINE2MIX1
RLINE2MIX0
0x00
RW1C
18
LCDMIX
[7:0]
CDLMIX7
CDLMIX6
CDLMIX5
CDLMIX4
CDLMIX3
CDLMIX2
CDLMIX1
CDLMIX0
0x00
RW1C
19
RCDMIX
[7:0]
CDRMIX7
CDRMIX6
CDRMIX5
CDRMIX4
CDRMIX3
CDRMIX2
CDRMIX1
CDRMIX0
0x00
RW1C
1A
LHPMIX
[7:0]
LHPMIX7
LHPMIX6
LHPMIX5
LHPMIX4
LHPMIX3
LHPMIX2
LHPMIX1
LHPMIX0
0x00
RW1C
1B
RHPMIX
[7:0]
RHPMIX7
RHPMIX6
RHPMIX5
RHPMIX4
RHPMIX3
RHPMIX2
RHPMIX1
RHPMIX0
0x00
RW1C
1C
EPMIX
[7:0]
EPMIX7
EPMIX6
EPMIX5
EPMIX4
EPMIX3
EPMIX2
EPMIX1
EPMIX0
0x00
RW1C
1D
HP_CTRL
[7:0]
RESERVED
POPTIME
HPMOD
HPOC
0x00
RW
1E
HP_CTRL2
[7:0]
RESERVED
LVL_THR
HIZ
VOLIM
RESERVED
0x00
RW
1F
LS_CTRL
[7:0]
CDDRIVE
DIRCD
CDSM
RCDBST
LCDBST
EDGE
0x00
RW
21
EPCONTROL
[7:0]
RESERVED
MICB2GAIN
MICB1GAIN
EPGAIN
0x00
RW
22
MICBIAS_CTRL1
[7:0]
VBATLOW
MICB1LIM
MICB1OCEN
MICB1CURDEN
MICB1SHT
MICB1CURD
0x00
RW
23
MICBIAS_CTRL2
[7:0]
RESERVED
MICB2LIM
MICB2OCEN
MICB2CURDEN
MICB2SHT
MICB2CURD
0x00
RW
24
OUTPUT_
CONTROL
[7:0]
RNSM
LNSM
LDIFF
LNFBEN
ZCTO
VMID
0x00
RW
25
PWDN_CTRL1
[7:0]
LADCPDB
RADCPDB
MICB2PDB
MICB1PDB
AIN4PDB
AIN3PDB
AIN2PDB
AIN1PDB
0x00
RW
26
PWDN_CTRL2
[7:0]
LDAC2PDB
RADC2PDB
LDAC1PDB
RDAC1PDB
LLN2PDB
RLN2PDB
LLN1PDB
RLN1PDB
0x00
RW
27
PWDN_CTRL3
[7:0]
ZDPDB
VBATPWDB
RESERVED
EPPDB
LCDPDB
RCDPDB
HPPDB
PWDB
0x00
RW
28
DPLLA_CTRL
[7:0]
DPLLA_REF_SEL
DPLLA_NDIV
0x00
RW
29
PLLA_CTRL1
[7:0]
PLLA_M_HI
0x00
RW
2A
PLLA_CTRL2
[7:0]
PLLA_M_LO
0x00
RW
2B
PLLA_CTRL3
[7:0]
PLLA_N_HI
0x00
RW
2C
PLLA_CTRL4
[7:0]
PLLA_N_LO
0x00
RW
2D
PLLA_CTRL5
[7:0]
RESERVED
PLLA_R
PLLA_X
PLLA_TYPE
0x00
RW
2E
PLLA_CTRL6
[7:0]
RESERVED
DPLLA_LOCKED
PLLA_LOCKED
DPLLA_BYPASS
PLLA_EN
0x02
RW
2F
DPLLB_CTRL
[7:0]
DPLLB_REF_SEL
DPLLB_NDIV
0x00
RW
30
PLLB_CTRL1
[7:0]
PLLB_M_HI
0x00
RW
31
PLLB_CTRL2
[7:0]
PLLB_M_LO
0x00
RW
32
PLLB_CTRL3
[7:0]
PLLB_N_HI
0x00
RW
33
PLLB_CTRL4
[7:0]
PLLB_N_LO
0x00
RW
34
PLLB_CTRL5
[7:0]
RESERVED
PLLB_R
PLLB_X
PLLB_TYPE
0x00
RW
35
PLLB_CTRL6
[7:0]
RESERVED
DPLLB_LOCKED
PLLB_LOCKED
DPLLB_BYPASS
PLLB_EN
0x02
RW
36
HEADDECT
[7:0]
RESERVED
HEADSET
0x00
RW
37
ADC_DAC_
STATUS
[7:0]
RESERVED
NOCLKDAC2
NOCLKDAC1
RESERVED
NOCLKADC
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com