Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 68 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 68 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 64Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 65Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 66Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 67Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 68Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 69Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 296 page
background image
ADAU1373
Rev. 0 | Page 68 of 296
Noise Gate Mode
When the signal is very quiet and consists mainly of noise, the
ALC function may cause a phenomenon called noise pumping.
The ALC, when disabled, treats the noise as a normal signal
without any processing; when the ALC is enabled, the noise gate
function is enabled. The noise gate prevents noise pumping by
comparing the signal level at the input against a noise gate
threshold. When the ALC noise gate function is enabled, there
are three optional modes, as follows:
•
Noise Gate Mode 1. Keeps the PGA gain as a constant
when the ALC enters into noise gate.
•
Noise Gate Mode 2. Sets the PGA gain to 0.
•
Noise Gate Mode 3. Mutes the ALC output to −120 dB.
The noise gate mode is set by the NGMODE bits (Register 0xC8,
Bits[5:4]). The ALCNGATT bits (Register 0xC7, Bits[7:4]) define
the gain reduction rate for Noise Gate Mode 2 and Noise Gate
Mode 3. In addition, when the ALC recovers from noise gate
mode, the ALCNGREC bits (Register 0xC7, Bits[3:0]) set the
PGA to increase to 0 dB at this rate at first; then the ALC enters
the attack or recovery phase.
Before the ALC enters into recovery mode, the ALC gain can be
held constant for some time. This hold time can be disabled or
enabled by the HLDRST bit (Register 0xC8, Bit 7). For Noise
Gate Mode 1, it is recommended that this bit be set to 1; for
Noise Gate Mode 2 and Noise Gate Mode 3, this bit should be
set to 0.
Noise Gate Attack Time
The noise gate attack time, which is set by the ALCNGATT bits,
is the time constant used when the ALC begins its noise gate phase.
This time constant is valid only in Noise Gate Mode 2 and Noise
Gate Mode 3. The attack time ranges from 6 ms to 24.576 sec
in 13 steps.
Noise Gate Recovery Time
The noise gate recovery time, which is set by the ALCNGREC
bits (Register 0xC7, Bits[3:0]), is the time constant used when
the ALC escapes from the noise gate. It is valid only in Noise
Gate Mode 3. The recovery time ranges from 1.5 ms to 6.144 sec
in 13 steps.
Noise Gate Hold Time
Noise gate hold time, which is set by the ALCNGHLD bits
(Register 0xC6, Bits[3:0]), is the time between the detection of
the signal level below the noise gate threshold and ALC entering
into noise gate mode. The hold time range is 0 ms to 5.460 sec
in 13 steps.
Noise Gate Threshold
The noise gate threshold, which is set by the ALCNGTH bits
(Register 0xC6, Bits[7:4]), defines the noise level below which
the signal is considered as noise. The noise gate threshold ranges
from −81 dBFS to −36 dBFS in 16 steps.
0.05
0
–0.05
0.5
0
–0.5
0
0
20
40
60
2000
4000
6000
8000
10000
12000
14000
0
50
100
150
200
250
300
0
50
100
150
200
250
300
GAIN HOLD DURING NOISE GATE
TIME (ms)
TIME (ms)
TIME (ms)
ALC GAIN
ALC OUTPUT
ALC INPUT
Figure 114. Noise Gate Mode 1
0.05
0
–0.05
0.05
0
–0.05
0
0
20
40
20
40
60
80
100
120
140
TIME (ms)
TIME (ms)
040
20
60
80
100
120
140
040
20
60
80
100
120
140
TIME (ms)
GAIN ATTACKS
TO 0dB
RECOVERY
NOISE GATE
HOLD TIME
ALC OUTPUT
ALC INPUT
ALC GAIN
Figure 115. Noise Gate Mode 2
0.05
0
–0.05
0.5
0
–0.5
–50
0
50
0
20
40
60
80
100
120
140
TIME (ms)
TIME (ms)
040
20
60
80
100
120
140
040
20
60
80
100
120
140
TIME (ms)
RECOVERY
ESCAPE FROM
NOISE GATE RAMP
UP THE GAIN TO 0dB
MUTE THE SIGNAL
TO –120dB
NOISE GATE HOLD
ALC INPUT
ALC OUTPUT
ALC GAIN
Figure 116. Noise Gate Mode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com