Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 74 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 70Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 71Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 74Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 75Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 76Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 77Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 296 page
background image
ADAU1373
Rev. 0 | Page 74 of 296
Reg Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
38
MIC_JACK_
STATUS
[7:0]
RESERVED
JACKDECT
MICB2OC
MICB2THS
MICB1OC
MICB1THS
0x00
R
39
CHIP_FAULT_
STATUS
[7:0]
RESERVED
OCEP
OCCDR
OCCDL
OCHP
OT
0x00
R
3C
ADC_SETTING
[7:0]
RESERVED
ADC_RESET_
FORCE
ADC_RESET
PDETECT
0x00
RW
40
CLK1_
SOURCE_DIV
[7:0]
COREN
CLK1S_SEL
CLK1SDIV
MCLK1DIV
0x00
MMRW
41
CLK1_
OUTPUT_DIV
[7:0]
RESERVED
CLK1OEN
CLK1ODIV
0x00
RW
42
CLK2_
SOURCE_DIV
[7:0]
CLK2EN
CLK2S_SEL
CLK2SDIV
MCLK2DIV
0x00
MMRW
43
CLK2_
OUTPUT_DIV
[7:0]
RESERVED
CLK2OEN
CLK2ODIV
0x00
RW
44
DAIA
[7:0]
BCLKINVA
MSA
SWAPA
LRPA
WLA
FORMATA
0x0A
RW
45
DAIB
[7:0]
BCLKINVB
MSB
SWAPB
LRPB
WLB
FORMATB
0x0A
RW
46
DAIC
[7:0]
BCLKINVC
MSC
SWAPC
LRPC
WLC
FORMATC
0x0A
RW
47
BCLKDIVA
[7:0]
RESERVED
DAIA_
SOURCE
DAIA_SR
BPFA
0x00
RW
48
BCLKDIVB
[7:0]
RESERVED
DAIB_
SOURCE
DAIB_SR
BPFB
0x00
RW
49
BCLKDIVC
[7:0]
RESERVED
DAIC_
SOURCE
DAIC_SR
BPFC
0x00
RW
4A
SRCA_RATIOA
[7:0]
SRCAMODE
SRCAINT
SRCARFRE_HI
0x00
RW
4B
SRCA_RATIOB
[7:0]
SRCARFRE_LOW
0x00
RW
4C
SRCB_RATIOA
[7:0]
SRCBMODE
SRCBINT
SRCBRFRE_HI
0x00
RW
4D
SRCB_RATIOB
[7:0]
SRCBRFRE_LOW
0x00
RW
4E
SRCC_RATIOA
[7:0]
SRCCMODE
SRCCINT
SRCCRFRE_HI
0x00
RW
4F
SRCC_RATIOB
[7:0]
SRCCRFRE_LOW
0x00
RW
50
DEEMP_CTRL
[7:0]
RESERVED
DEMPFS
DEMPCEN
DEMPBEN
DEMPAEN
0x00
RW
51
SRC_DAI_A_
CTRL
[7:0]
RESERVED
SRCA_
RECWRONG
SRCA_
PBWRONG
SRCAUNLOCK
SRCAPBEN
SRCARECEN
DAIAEN
0x08
RW
52
SRC_DAI_B_
CTRL
[7:0]
RESERVED
SRCB_
RECWRONG
SRCB_
PBWRONG
SRCBUNLOCK
SRCBPBEN
SRCBRECEN
DAIBEN
0x08
RW
53
SRC_DAI_C_
CTRL
[7:0]
RESERVED
SRCC_
RECWRONG
SRCC_
PBWRONG
SRCCUNLOCK
SRCCPBEN
SRCCRECEN
DAICEN
0x08
RW
56
DIN_MIX_
CTRL0
[7:0]
RESERVED
DIN_CHAN0_
DMIC_SWAP
DIN_CHAN0_
DMIC
DIN_CHAN0_
ADC_SWAP
DIN_CHAN0_ADC DIN_CHAN0_
AIFC_PB
DIN_CHAN0_
AIFB_PB
DIN_CHAN0_
AIFA_PB
0x00
RW
57
DIN_MIX_
CTRL1
[7:0]
RESERVED
DIN_CHAN1_
DMIC_SWAP
DIN_CHAN1_
DMIC
DIN_CHAN1_
ADC_SWAP
DIN_CHAN1_ADC DIN_CHAN1_
AIFC_PB
DIN_CHAN1_
AIFB_PB
DIN_CHAN1_
AIFA_PB
0x00
RW
58
DIN_MIX_
CTRL2
[7:0]
RESERVED
DIN_CHAN2_
DMIC_SWAP
DIN_CHAN2_
DMIC
DIN_CHAN2_
ADC_SWAP
DIN_CHAN2_ADC DIN_CHAN2_
AIFC_PB
DIN_CHAN2_
AIFB_PB
DIN_CHAN2_
AIFA_PB
0x00
RW
59
DIN_MIX_
CTRL3
[7:0]
RESERVED
DIN_CHAN3_
DMIC_SWAP
DIN_CHAN3_
DMIC
DIN_CHAN3_
ADC_SWAP
DIN_CHAN3_ADC DIN_CHAN3_
AIFC_PB
DIN_CHAN3_
AIFB_PB
DIN_CHAN3_
AIFA_PB
0x00
RW
5A
DIN_MIX_
CTRL4
[7:0]
RESERVED
DIN_CHAN4_
DMIC_SWAP
DIN_CHAN4_
DMIC
DIN_CHAN4_
ADC_SWAP
DIN_CHAN4_ADC DIN_CHAN4_
AIFC_PB
DIN_CHAN4_
AIFB_PB
DIN_CHAN4_
AIFA_PB
0x00
RW
5B
DOUT_MIX_
CTRL0
[7:0]
RESERVED
DOUT_CHAN4_
AIFA_REC
DOUT_CHAN3_
AIFA_REC
DOUT_CHAN2_
AIFA_REC
DOUT_CHAN1_
AIFA_REC
DOUT_CHAN0_
AIFA_REC
0x00
RW
5C
DOUT_MIX_
CTRL1
[7:0]
RESERVED
DOUT_CHAN4_
AIFB_REC
DOUT_CHAN3_
AIFB_REC
DOUT_CHAN2_
AIFB_REC
DOUT_CHAN1_
AIFB_REC
DOUT_CHAN0_
AIFB_REC
0x00
RW
5D
DOUT_MIX_
CTRL2
[7:0]
RESERVED
DOUT_CHAN4_
AIFC_REC
DOUT_CHAN3_
AIFC_REC
DOUT_CHAN2_
AIFC_REC
DOUT_CHAN1_
AIFC_REC
DOUT_CHAN0_
AIFC_REC
0x00
RW
5E
DOUT_MIX_
CTRL3
[7:0]
RESERVED
DOUT_CHAN4_
DAC1
DOUT_CHAN3_
DAC1
DOUT_CHAN2_
DAC1
DOUT_CHAN1_
DAC1
DOUT_CHAN0_
DAC1
0x00
RW
5F
DOUT_MIX_
CTRL4
[7:0]
RESERVED
DOUT_CHAN4_
DAC2
DOUT_CHAN3_
DAC2
DOUT_CHAN2_
DAC2
DOUT_CHAN1_
DAC2
DOUT_CHAN0_
DAC2
0x00
RW
60
VOLMOD1
[7:0]
RESERVED
DAICRECVOLM
DAIBRECVOLM
DAIARECVOLM
DAICPBVOLM
DAIBPBVOLM
DAIAPBVOLM
0x00
RW
61
VOLMOD2
[7:0]
RESERVED
CODECDRECVOLM CODECRECVOLM CODECPBBVOLM CODECPBAVOLM 0x00
RW
62
DAIA_PBL_
VOL
[7:0]
DAIAPBLVOL
0x00
RW
63
DAIA_PBR_
VOL
[7:0]
DAIAPBRVOL
0x00
RW
64
DAIB_PBL_
VOL
[7:0]
DAIBPBLVOL
0x00
RW
65
DAIB_PBR_
VOL
[7:0]
DAIBPBRVOL
0x00
RW
66
DAIC_PBL_
VOL
[7:0]
DAICPBLVOL
0x00
RW
67
DAIC_PBR_
VOL
[7:0]
DAICPBRVOL
0x00
RW
68
DAIA_RECL_
VOL
[7:0]
DAIARECLVOL
0x00
RW
69
DAIA_RECR_
VOL
[7:0]
DAIARECRVOL
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com