Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 57 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 296 page
background image
ADAU1373
Rev. 0 | Page 57 of 296
3D
ALC
PRE
HPF
PRE
HPF
PRE
HPF
PRE
HPF
PRE
HPF
1
2
1
2
3
INTERFACE A
INPUT
INTERFACE A
OUTPUT
INTERFACE B
INPUT
INTERFACE C
INPUT
ADC
OUTPUT
DIGITAL MIC
OUTPUT
INTERFACE B
OUTPUT
INTERFACE C
OUTPUT
DAC1 INPUT
DAC2 INPUT
DE-EMPHASIS
DE-EMPHASIS
DE-EMPHASIS
FDSP_DIN0
FDSP_DIN1
FDSP_DIN2
FDSP_DIN3
FDSP_DIN4
FDSP_DOUT0
FDSP_DOUT1
FDSP_DOUT2
FDSP_DOUT3
FDSP_DOUT4
MDRC
7-BAND
BIQUAD
BASS
POST
HPF
DRC
FDSP_PRE_
MIX_MUX
FDSP
FDSP_POST_
MIX_MUX
NOTE: EITHER MDRC OR DRC CAN BE
USED AT A TIME
Figure 104. Fixed Function DSP (FDSP) Input and Output Connections and Available Processing Blocks
FIXED FUNCTION DSP (FDSP)
Figure 104 shows the fixed function DSP input and output
connections, as well as the available processing blocks. The
FDSP works at a 128 × fS clock rate and has five input and
output channels.
The five high-pass filters are available at the input channels to
help remove the dc offset. In addition, the following blocks are
provided to enhance the signal:
•
ALC
•
MDRC or three full-band DRCs
•
Seven-band EQ
•
3D enhancement
•
Bass enhancement
•
High-pass filter
HIGH-PASS FILTERS (HPFs)
The ADAU1373 provides five fully programmable HPFs in front
of the data path and one configurable HPF following the FDSP
blocks.
The five fully programmable HPFs (called pre-HPFs) are used
to remove the dc content or the low frequency components from
the input signals. An additional HPF, located at the end of the
FDSP chain and called the post-HPF, is designed to remove dc
or low frequency components that may be introduced by the
nonlinear processing in the FDSP blocks. All of these HPFs are
first-order IIR with changeable 3 dB cutoff frequencies.
Pre-HPFs
All coefficients of the five pre-HPFs are in 11-bit format and fully
programmable. Each coefficient takes up two register addresses,
from Register 0xB3 to Register 0xBC. For each coefficient, the
first register is the first eight MSB bits, and the second register is
the last three LSB bits. Register 0xBD provides an individual
control bit for each filter enable or disable.
The pre-HPF frequency transfer function is as follows:
1
1
1
1
2
1
)
(
−
−
×
−
−
×
+
=
z
a
z
a
z
H
where Parameter a is determined by the cutoff frequency, fC,
and related to the sample rate, fS. Use the following equations to
calculate Parameter a:
WC = 2 × π × fC/fS
a =
c
c
w
w
cos
sin
1
−
For the pre-HPF, the coefficients are quantized to 10 bits, so
that the decimal integer values of these coefficients are as
follows:
aINT = round(a × 2048)
Pre-HPF Working Example
If the required cutoff frequency for the first pre-HPF is 900 Hz
and the sampling rate is 48 kHz, then
wC = 2 × π × fC/fS = 0.1178097
a =
c
c
w
w
cos
sin
1
−
= 0.8886221
aINT = round(a × 2048) = 1820
aHEX = 71C
Therefore, set Bits[7:0] in Register 0xB3, Register 0xB5,
Register 0xB7, Register 0xB9, and Register 0xBB as the MSBs
and Bits[2:0] in Register 0xB4, Register 0xB6, Register 0xB8,
Register 0xBA, and Register 0xBC as the LSBs for the pre-HPFs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com