Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 76 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 72Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 73Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 74Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 75Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 76Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 77Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 78Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 79Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 296 page
background image
ADAU1373
Rev. 0 | Page 76 of 296
Reg Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
AA DRC3_CTRL11
[7:0]
DRCGSATT
DRCGSDEC
0x88
RW
AB
DRC3_CTRL12
[7:0]
DRCHTNOR
DRCHTNG
0x7A
RW
AC DRC3_CTRL13
[7:0]
RESERVED
DRCG
RESERVED
0xDF
RW
AD DRC3_CTRL14
[7:0]
DRCNGTGT
DRCNGHDEN
DRCNGSRC
DRCCESRC
DRCLMSRC
DRCNGEN
DRCEN
0x20
RW
AE
DRC3_CTRL15
[7:0]
RESERVED
SIG_DET_RMS
SIG_DET_PK
0x00
RW
AF
DRC3_CTRL16
[7:0]
RESERVED
ALG_NGEN
DRCIRQ_MODE
DRCIRQ_EN
0x00
RW
B0
MDRC_PRE_
FILTER
[7:0]
RESERVED
MDRC_HPF
MDRC_LPF
0x00
RW
B1
MDRC_SPL_
CTRL
[7:0]
MDRC_CROSS_HIGH
MDRC_CROSS_LOW
0x00
RW
B2
MDRC_CTRL
[7:0]
RESERVED
MDRC_LPFEN
MDRC_HPFEN
MDRC_EN
0x00
RW
B3
PRE_HPF1_
COEFH
[7:0]
PRE_HPF1_COEFH
0xFF
RW
B4
PRE_HPF1_
COEFL
[7:0]
RESERVED
PRE_HPF_COEFL
0xFF
RW
B5
PRE_HPF2_
COEFH
[7:0]
PRE_HPF2_COEFH
0xFF
RW
B6
PRE_HPF2_
COEFL
[7:0]
RESERVED
PRE_HPF2_COEFL
0xFF
RW
B7
PRE_HPF3_
COEFH
[7:0]
PRE_HPF3_COEFH
0xFF
RW
B8
PRE_HPF3_
COEFL
[7:0]
RESERVED
PRE_HPF3_COEFL
0xFF
RW
B9
PRE_HPF4_
COEFH
[7:0]
PRE_HPF4_COEFH
0xFF
RW
BA
PRE_HPF4_
COEFL
[7:0]
RESERVED
PRE_HPF4_COEFL
0xFF
RW
BB
PRE_HPF5_
COEFH
[7:0]
PRE_HPF5_COEFH
0xFF
RW
BC
PRE_HPF5_
COEFL
[7:0]
RESERVED
PRE_HPF5_COEFL
0xFF
RW
BD PRE_HPF_
CTRL
[7:0]
RESERVED
PRE_HPF5_EN
PRE_HPF4_EN
PRE_HPF3_EN
PRE_HPF2_EN
PRE_HPF1_EN
0x1F
RW
BE
EQ_CTRL1
[7:0]
RESERVED
EQ_UPDING
EQ_UPD_CLR
EQ_FORMAT
EQ_UPD
EQ_WR_EN
0x00
RW
BF
EQ_CTRL2
[7:0]
EQEN
EQBP7
EQBP6
EQBP5
EQBP4
EQBP3
EQBP2
EQBP1
0x00
RW
C0
E3D_CTRL1
[7:0]
E3D_LEVEL
E3D_ALPHA
0x00
RW
C1
E3D_CTRL2
[7:0]
RESERVED
E3D_GAIN
E3D_EN
0x00
RW
C2
ALC_CTRL0
[7:0]
ALCTAV
ALCHLD
0x00
RW
C3
ALC_CTRL1
[7:0]
ALCATT
ALCREC
0x00
RW
C4
ALC_CTRL2
[7:0]
ALCLVL
ALCREF
0x00
RW
C5
ALC_CTRL3
[7:0]
ALCRIP
ALCMAX
0x00
RW
C6
ALC_CTRL4
[7:0]
ALCNGTH
ALCNGHLD
0x00
RW
C7
ALC_CTRL5
[7:0]
ALCNGATT
ALCNGREC
0x00
RW
C8
ALC_CTRL6
[7:0]
HLDRST
ALCHPF
NGMODE
ALCEN
ALCMODE
0x00
RW
DC FDSP_SEL1
[7:0]
RESERVED
DRC3_SEL
RESERVED
DRC2_SEL
0x00
RW
DD FDSP_SEL2
[7:0]
RESERVED
EQ_SEL
RESERVED
DRC1_SEL
0x00
RW
DE
FDSP_SEL3
[7:0]
RESERVED
E3D_SEL
RESERVED
HPF_SEL
0x00
RW
DF
FDSP_SEL4
[7:0]
RESERVED
BASS_EN_SEL
ALC_4CHEN
ALC_SEL
0x00
RW
E0
PBALPCTRL1
[7:0]
PBALPANA
PBALPWL
PBALPMODE
PBALPEN
0x00
RW
E1
PBBLPCTRL2
[7:0]
PBBLPANA
PBBLPWL
PBBLPMODE
PBBLPEN
0x00
RW
E2
DIGMICCTRL
[7:0]
MICLRMODE
DMICPOLSWAP
DMICBLRSWAP
DIGMICBEN
DMICALRSWAP
DIGMICAEN
0x00
RW
E3
GPIOSEL1
[7:0]
GPIO2SEL
GPIO1SEL
0x00
RW
E4
GPIOSEL2
[7:0]
GPIO4SEL
GPIO3SEL
0x00
RW
E5
IRQ_MASK
[7:0]
ASRCC_IRQ_
MASK
ASRCB_IRQ_
MASK
ASRCA_IRQ_
MASK
DRC_IRQ_
MASK
PLL_UNLOCK_
MASK
HP_CFG_MASK
HP_DECT_MASK AFAULT_MASK
0x00
RW
E6
IRQ_RAW
[7:0]
ASRCC_IRQ_
RAW_STATE
ASRCB_IRQ_
RAW_STATE
ASRCA_IRQ_
RAW_STATE
DRC_IRQ_
RAW_STATE
PLL_UNLOCK_
RAW_STATE
HP_CFG_
RAW_STATE
HP_DECT_
RAW_STATE
AFAULT_
RAW_STATE
02
R
E7
IRQ_STATE
[7:0]
ASRCC_IRQ_
STATUS
ASRCB_IRQ_
STATUS
ASRCA_IRQ_
STATUS
DRC_IRQ_
STATUS
PLL_UNLOCK_
STATUS
HP_CFG_
STATUS
HP_DECT_
STATUS
AFAULT_STATUS 0x00
R
E8
IRQEN
[7:0]
RESERVED
IRQEN
0x00
RW
E9
PAD_CTRL1
[7:0]
RESERVED
I2CFILTER_
BYPASS
I2CDRV
DMICCLKDRV
CDRV
BDRV
ADRV
1F
RW
EA
PAD_CTRL2
[7:0]
RESERVED
GPIO4DRV
GPIO3DRV
GPIO2DRV
GPIO1DRV
0F
RW
EB
DIGEN
[7:0]
RESERVED
FDSPEN
DRECEN
RECEN
PBBEN
PBAEN
0x00
RW
EC
LPCNTCTRL
[7:0]
LPC_B_CNT
LPC_A_CNT
0x00
RW
ED
CHIP_ID_HI
[7:0]
CHIP_ID_HI
13
R
EE
CHIP_ID_MID
[7:0]
CHIP_ID_MID
73
R
EF
CHIP_ID_LO
[7:0]
CHIP_ID_LOW
0B
R
FF
SOFT_RESET
[7:0]
SOFT_RST
0x00
MMRW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com