Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 296 page
background image
ADAU1373
Rev. 0 | Page 51 of 296
Table 17. PLL Control Register Summary
Reg Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x28 DPLLA_CTRL
DPLLA_REF_SEL
DPLLA_NDIV
0x00 RW
0x29 PLLA_CTRL1
PLLA_M_HI
0x00 RW
0x2A PLLA_CTRL2
PLLA_M_LO
0x00 RW
0x2B PLLA_CTRL3
PLLA_N_HI
0x00 RW
0x2C PLLA_CTRL4
PLLA_N_LO
0x00 RW
0x2D PLLA_CTRL5 RESERVED
PLLA_R
PLLA_X
PLLA_TYPE
0x00 RW
0x2E PLLA_CTRL6
RESERVED
DPLLA_LOCKED
PLLA_LOCKED
DPLLA_BYPASS
PLLA_EN
0x10 RW
0x2F DPLLB_CTRL
DPLLB_REF_SEL
DPLLB_NDIV
0x00 RW
0x30 PLLB_CTRL1
PLLB_M_HI
0x00 RW
0x31 PLLB_CTRL2
PLLB_M_LO
0x00 RW
0x32 PLLB_CTRL3
PLLB_N_HI
0x00 RW
0x33 PLLB_CTRL4
PLLB_N_LO
0x00 RW
0x34 PLLB_CTRL5 RESERVED
PLLB_R
PLLB_X
PLLB_TYPE
0x00 RW
0x35 PLLB_CTRL6
RESERVED
DPLLB_LOCKED
PLLB_LOCKED
DPLLB_BYPASS
PLLB_EN
0x02 RW
0x40 CLK1_
SOURCE_DIV
COREN
CLK1S_SEL
CLK1SDIV
MCLK1DIV
0x00 MMRW
0x41 CLK1_
OUTPUT_DIV
RESERVED
CLK1OEN
CLK1ODIV
0x00 RW
0x42 CLK2_
SOURCE_DIV
CLK2EN
CLK2S_SEL
CLK2SDIV
MCLK2DIV
0x00 MMRW
0x43 CLK2_
OUTPUT_DIV
RESERVED
CLK2OEN
CLK2ODIV
0x00 RW
Table 18. PLLA/PLLB Control Register Settings (PLLA: Register 0x28 to Register 0x2E; PLLB: Register 0x2F to Register 0x35)
Bits
Bit Name
Settings
Description
[47:32]
PLLx_M_HI[7:0],
PLLx_M_LO[7:0]
Denominator of the fractional APLL: a 16-bit binary number. The PLLA/PLLB Control M
value can be set using Register 0x29 and Register 0x2A for PLLA and Register 0x30 and
Register 0x31 for PLLB. The M integer is 16 bits wide. The upper eight bits are stored in
Register 0x29 and Register 0x30, and the lower eight bits are stored in Register 0x2A and
Register 0x31. The default value is 0x00FD: M = 253.
[31:16]
PLLx_N_HI[7:0],
PLLx_N_LO[7:0]
Numerator of the fractional APLL: a 16-bit binary number. The N value can be set using
Register 0x2B and Register 0x2C for PLLA and Register 0x32 and Register 0x33 for PLLB.
The upper eight bits are stored in Register 0x2B and Register 0x32, and the lower eight
bits are stored in Register 0x2C and Register 0x33. The default value is 0: N = 0.
[15]
Reserved
Reserved.
[14:11]
PLLx_R[3:0]
Integer part of APLL: four bits. Only values of 2 to 8 are valid. The four bits are stored in
Register 0x2D for PLLA (Bits[6:3]) and Register 0x34 for PLLB (Bits[6:3]).
0010
R = 2 (default).
0011
R = 3.
0100
R = 4.
0101
R = 5.
0110
R = 6.
0111
R = 7.
1000
R = 8.
[10:9]
PLLx_X[1:0]
APLL input clock divider. The two bits are stored in Register 0x2D for PLLA (Bits[2:1]) and
Register 0x34 for PLLB (Bits[2:1]).
00
X = 1 (default).
01
X = 2.
10
X = 3.
11
X = 4.
8
PLLx_TYPE
APLL operation mode. This bit is stored in Register 0x2D for PLLA (Bit 0) and Register 0x34
for PLLB (Bit 0).
0
Integer mode (default).
1
Fractional mode.
[7:4]
Reserved
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com