Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 21Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 22Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 23Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 24Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 25Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 296 page
background image
ADAU1373
Rev. 0 | Page 22 of 296
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
A
B
C
D
E
F
G
23
4
56
7
8
H
J
9
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
BALL A1
CORNER
Figure 6. Pin Configuration
Table 9. Pin Function Descriptions
Pin
No.
Mnemonic
Type
Description
A1
DGND
PWR
Digital Ground. The AGND and DGND pins must be tied directly together in a common ground plane.
A2
MODE
D_IN
Mode Select I2C Operation. Must be pulled low for I2C mode.
A3
IOVDD4
PWR
Supply for Digital Microphone Input Port. Set IOVDD4 between 1.8 V and 3.3 V and decouple to
DGND using a 100 nF capacitor.
A4
DMIC_CLK
D_OUT
Clock Output for Digital Microphone.
A5
AIN4R/AIN4N
A_IN
Right Channel Input 4 (AIN4R)/Inverting Input 4 (AIN4N).
A6
AIN3R/AIN3N
A_IN
Right Channel Input 3 (AIN3R)/Inverting Input 3 (AIN3N).
A7
AIN2R/AIN2N
A_IN
Right Channel Input 2 (AIN2R)/Inverting Input 2 (AIN2N).
A8
AIN1R/AIN1N
A_IN
Right Channel Input 1 (AIN1R)/Inverting Input 1 (AIN1N).
A9
AVDD
PWR
1.5 V to 1.8 V Analog Supply for DAC and Microphone Bias. Decouple this pin to AGND using a 100 nF
capacitor.
B1
DVDD
PWR
Digital Core Supply. Decouple this pin to DGND with a 100 nF capacitor.
B2
ADDR
D_IN
Address Setting Pin for I2C Port. Pull high/low to IOVDD4, using a resistor for the desired chip address.
B3
IOVDD5
PWR
Supply for I2C Port. Set IOVDD5 between 1.8 V and 3.3 V and decouple to DGND using a 100 nF
capacitor.
B4
DMIC1_2_DATA
D_IN
Serial Data Input Digital Microphone 1 and Serial Data Input Digital Microphone 2.
B5
AIN4L/AIN4P
A_IN
Left Channel Input 4 (AIN4L)/Noninverting Input 4 (AIN4P).
B6
AIN3L/AIN3P
A_IN
Left Channel Input 3 (AIN3L)/Noninverting Input 3 (AIN3P).
B7
AIN2L/AIN2P
A_IN
Left Channel Input 2 (AIN2L)/Noninverting Input 2 (AIN2P).
B8
AIN1L/AIN1P
A_IN
Left Channel Input 1 (AIN1L)/Noninverting Input 1 (AIN1P).
B9
CM
A_OUT
AVDD/2 V Common-Mode Reference. Connect a 1 μF ceramic decoupling capacitor between this
pin and ground to reduce crosstalk between the ADCs and DACs. This pin can be used to bias
external analog circuits, as long as they are not drawing current from CM (for example, the
noninverting input of an op amp).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com