Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 37Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 38Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 39Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 40Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 41Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 296 page
background image
ADAU1373
Rev. 0 | Page 40 of 296
Microphone Bias
The MICBIAS1 and MICBIAS2 pins (Ball C8 and Ball C9,
respectively) provide a voltage reference for electret analog
microphones. These pins are independent MICBIASx voltage
outputs that can be set using Register 0x21 to Register 0x23 of
the I2C control registers. The MICBIASx voltage can be set via
Register 0x21. Four output voltage settings are available: 1.8 V,
2.2 V, 2.6 V, and 2.9 V.
Current sense circuits can detect the current going out of the
MICBIAS1 pin or MICBIAS2 pin. This current detect function
can be used to sense the presence of the electret microphone. The
internally generated current sense logic output can be used as an
interrupt on any of the four GPIOs to communicate to the system
controller. The current sense can be enabled or disabled using
Register 0x22 for MICBIAS1 and Register 0x23 for MICBIAS2.
Additional options include overcurrent protection, which can be
used to sense the short circuit of MICBIAS1 or MICBIAS2 to
ground at the microphone inputs. The overcurrent threshold is
programmable, allowing for flexibility in system design.
The MICBIASx pins can also be used to supply voltage to digital
microphones or analog microphones with separate power supply
pins. However, the maximum current that is available from the
MICBIAS1 or MICBIAS2 pin is 1.8 mA.
Microphone Input Connection
To use the microphone input, first identify the type of microphone
being used. The ADAU1373 provides microphone bias for
condenser microphones. Set the bias voltage as required in the
application. It is recommended that the bias be connected to the
desired microphone input using a 2 kΩ resistor.
If using a single-ended condenser microphone, see Figure 83 for
the correct connection configuration.
ADAU1373
AINxL/AINxP
MICBIASx
AINxR/AINxN
LEFT
MICROPHONE
RIGHT
MICROPHONE
2kΩ
2kΩ
PGA MODE
RIGHT
PGA
–12dB TO
+18dB
–12dB TO
+18dB
Figure 83. Condenser Microphone Input, Single-Ended
If using a differential or balanced condenser microphone
configuration, see Figure 84.
ADAU1373
AINxL/AINxP
MICBIASx
AINxR/AINxP
AINxL/AINxN
LEFT
MICROPHONE
RIGHT
MICROPHONE
2kΩ
2kΩ
R1*
PGA MODE
PGA MODE
–12dB TO
+18dB
–12dB TO
+18dB
AINxR/AINxN
R2*
*R1 AND R2 CAN BE 2k Ω FOR DIFFERENTIAL OR 0Ω FOR
PSEUDO-DIFFERENTIAL INPUT.
Figure 84. Condenser Microphone Input, Differential
Line Input Connection
To use the analog input as the line input, configure the input to
either stereo (single-ended) or mono (differential), as desired
(see Figure 85 or Figure 86, respectively).
ADAU1373
LEFT LINE
INPUT
RIGHT LINE
INPUT
–12dB TO
+18dB
–12dB TO
+18dB
AINxL/AINxP
AINxR/AINxN
Figure 85. Single-Ended Line Input
ADAU1373
+INPUT
–INPUT
–12dB TO
+18dB
AINxL/AINxP
AINxR/AINxN
Figure 86. Differential Line Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com