Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 101 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 101 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 97Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 98Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 99Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 100Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 101Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 102Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 103Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 104Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 296 page
background image
ADAU1373
Rev. 0 | Page 101 of 296
Table 47. Bit Descriptions for RLINE2_OUT
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
RW
[4:0]
RLINE2
Right Channel Line Output 2 Volume Control.
0x00
RW
00000
Mute
00001
−75 dB
00010
−71 dB
00011
−67 dB
00100
−63 dB
00101
−59 dB
00110
−55 dB
00111
−51 dB
01000
−47 dB
01001
−44 dB
01010
−41 dB
01011
−38 dB
01100
−35 dB
01101
−32 dB
01110
−29 dB
01111
−26 dB
10000
−23 dB
10001
−21 dB
10010
−19 dB
10011
−17 dB
10100
−15 dB
10101
−13 dB
10110
−11 dB
10111
−9 dB
11000
−7 dB
11001
−6 dB
11010
−5 dB
11011
−4 dB
11100
−3 dB
11101
−2 dB
11110
−1 dB
11111
0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com