Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 118 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 118 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 114Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 115Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 116Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 117Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 118Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 119Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 120Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 121Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 122Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 296 page
background image
ADAU1373
Rev. 0 | Page 118 of 296
RCDMIX (SPEAKER OUTPUT) REGISTER
Address: 0x19, Reset: 0x00, Name: RCDMIX
Speaker Out Right Mixer Control
Table 60. Bit Descriptions for RCDMIX
Bits
Bit Name
Settings
Description
Reset
Access
7
CDRMIX7
0x0
RW
0
DAC2 Right Signal Disable
1
DAC2 Right Signal Enable
6
CDRMIX6
0x0
RW
0
DAC2 Left Signal Disable
1
DAC2 Left Signal Enable
5
CDRMIX5
0x0
RW
0
DAC1 Right Signal Disable
1
DAC1 Right Signal Enable
4
CDRMIX4
0x0
RW
0
DAC1 Left Signal Disable
1
DAC1 Left Signal Enable
3
CDRMIX3
0x0
RW
0
Input 4 Right Signal Disable
1
Input 4 Right Signal Enable
2
CDRMIX2
0x0
RW
0
Input 3 Right Signal Disable
1
Input 3 Right Signal Enable
1
CDRMIX1
0x0
RW
0
Input 2 Right Signal Disable
1
Input 2 Right Signal Enable
0
CDRMIX0
0x0
RW
0
Input 1 Right Signal Disable
1
Input 1 Right Signal Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com