Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 132 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 132 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 128Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 129Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 130Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 131Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 132Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 133Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 134Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 135Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 136Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 296 page
background image
ADAU1373
Rev. 0 | Page 132 of 296
DPLLA_CTRL REGISTER
Address: 0x28, Reset: 0x00, Name: DPLLA_CTRL
DPLLA Control
Table 74. Bit Descriptions for DPLLA_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
DPLLA_REF_SEL
DPLLA Source Select. DPLLA source selection can be set to one of the
following: Digital Audio Interface A/B/C bit clock/frame clock or
GPIO1/2/3/4 or Master Clock Input 1/2.
0x0
RW
0000
MCLK1
0001
DPLLA reference clock input: Digital Audio Interface A bit clock
0010
DPLLA reference clock input: Digital Audio Interface B bit clock
0011
DPLLA reference clock input: Digital Audio Interface C bit clock
0100
DPLLA reference clock input: Digital Audio Interface A frame clock
0101
DPLLA reference clock input: Digital Audio Interface B frame clock
0110
DPLLA reference clock input: Digital Audio Interface C frame clock
0111
DPLLA reference clock input: GPIO1
1000
DPLLA reference clock input: GPIO2
1001
DPLLA reference clock input: GPIO3
1010
DPLLA reference clock input: GPIO4
1011
MCLK2
1110
Reserved
1111
Reserved
1101
Reserved
1100
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com