Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 140 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 140 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 136Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 137Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 138Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 139Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 140Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 141Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 142Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 143Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 144Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 296 page
background image
ADAU1373
Rev. 0 | Page 140 of 296
PLLB_CTRL4 REGISTER
Address: 0x33, Reset: 0x00, Name: PLLB_CTRL4
Numerator (N) of the Fractional PLLB Lower Byte
Table 85. Bit Descriptions for PLLB_CTRL4
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PLLB_N_LO
Numerator of the Fractional PLLB LSB. PLLB Fractional Mode Numerator N
lower byte.
0x00
RW
PLLB_CTRL5 REGISTER
Address: 0x34, Reset: 0x00, Name: PLLB_CTRL5
PLLB Type, X and R Value Setting
Table 86. Bit Descriptions for PLLB_CTRL5
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
0x0
RW
[6:3]
PLLB_R
Integer Part of PLLB. Integer (R) of PLLB.
0x0
RW
0010
R = 2
0011
R = 3
0100
R = 4
0101
R = 5
0110
R = 6
0111
R = 7
1000
R = 8
[2:1]
PLLB_X
PLLB Input Clock Divider. PLLB input clock divider (X).
0x0
RW
00
X = 1
01
X = 2
10
X = 3
11
X = 4
0
PLLB_TYPE
PLLB Operation Mode. PLLB mode (fractional or integer).
0x0
RW
0
Integer
1
Fractional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com