Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 223 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 223 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 219Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 220Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 221Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 222Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 223Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 224Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 225Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 226Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 227Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 296 page
background image
ADAU1373
Rev. 0 | Page 223 of 296
DRC3_CTRL4 REGISTER
Address: 0xA3, Reset: 0x00, Name: DRC3_CTRL4
DRC3 Threshold Point X2 on X-Axis (Input Level)
Table 186. Bit Descriptions for DRC3_CTRL4
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DRCTHX2
DRC3 X-Axis Threshold 2.
0x00
RW
00000000
0 dB (default)
00000001
−0.5 dB
00000010
−1 dB
xxxxxxxx
0.5 dB step
11000000
−96 dB
DRC3_CTRL5 REGISTER
Address: 0xA4, Reset: 0x00, Name: DRC3_CTRL5
DRC3 Threshold Point X3 on X-Axis (Input Level)
Table 187. Bit Descriptions for DRC3_CTRL5
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DRCTHX3
DRC3 X-Axis Threshold 3.
0x00
RW
00000000
0 dB (default)
00000001
−0.5 dB
00000010
−1 dB
xxxxxxxx
0.5 dB step
11000000
−96 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com