Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1373BCBZ-R7 Datasheet(PDF) 257 Page - Analog Devices

Part # ADAU1373BCBZ-R7
Description  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 Datasheet(HTML) 257 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 253Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 254Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 255Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 256Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 257Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 258Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 259Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 260Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 261Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 296 page
background image
ADAU1373
Rev. 0 | Page 257 of 296
Bits
Bit Name
Settings
Description
Reset
Access
[2:1]
PBALPMODE
Playback Module A Low Power Control Mode Channel Select. Playback
Module A low power control mode channel select.
0x0
RW
00
Left channel and right channel (default)
01
Only left channel
10
Only right channel
11
Left channel or right channel
0
PBALPEN
Playback Module A Low Power Control Mode Enable. Playback Module A
low power control mode enable.
0x0
RW
0
Disable (default)
1
Enable
PBBLPCTRL2 REGISTER
Address: 0xE1, Reset: 0x00, Name: PBBLPCTRL2
DAC2 Playback Power Control Register
Table 229. Bit Descriptions for PBBLPCTRL2
Bits
Bit Name
Settings
Description
Reset
Access
7
PBBLPANA
Playback Module B Low Power Control Mode. Playback Module B low
power control mode.
0x0
RW
0
Digital only
1
Digital and DAC
[6:3]
PBBLPWL
Playback Module B Monitor Word Length Select. Playback Module B
monitor word length select.
0x0
RW
0000
18 bit (default)
0001
17 bit
0010
16 bit
0011
15 bit
0100
14 bit
0101
13 bit
0110
12 bit
0111
11 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com