Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 17 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 13Page - Texas Instruments AFE5808A Datasheet HTML 14Page - Texas Instruments AFE5808A Datasheet HTML 15Page - Texas Instruments AFE5808A Datasheet HTML 16Page - Texas Instruments AFE5808A Datasheet HTML 17Page - Texas Instruments AFE5808A Datasheet HTML 18Page - Texas Instruments AFE5808A Datasheet HTML 19Page - Texas Instruments AFE5808A Datasheet HTML 20Page - Texas Instruments AFE5808A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
55
60
65
70
75
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Vcntl (V)
24 dB PGA gain
30 dB PGA gain
57
59
61
63
65
67
69
71
73
0
3
6
9
12 15 18 21 24 27 30 33 36 39 42
Gain (dB)
Low noise
Low power
0
1
2
3
4
5
6
7
8
9
50
100
150
200
250
300
350
400
Source Impedence (
Ω)
100 ohm act term
200 ohm act term
400 ohm act term
Without Termination
0
1
2
3
4
5
6
7
8
9
10
50
100
150
200
250
300
350
400
Source Impedence (
Ω)
50 ohm act term
100 ohm act term
200 ohm act term
400 ohm act term
Without Termination
0
1
2
3
4
5
6
7
8
50
100
150
200
250
300
350
400
Source Impedence (
Ω)
50 ohm act term
100 ohm act term
200 ohm act term
400 ohm act term
No Termination
1.5
2.5
3.5
4.5
50
100
150
200
250
300
350
400
Source Impedence (
Ω)
Low noise
Low power
Medium power
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
TYPICAL CHARACTERISTICS (continued)
Figure 30. SNR, LNA = 18 dB and Low Power Mode
Figure 31. SNR vs. Different Power Modes
Figure 32. Noise Figure, LNA = 12 dB and Low Noise Mode
Figure 33. Noise Figure, LNA = 18 dB and Low Noise Mode
Figure 34. Noise Figure, LNA = 24 dB and Low Noise Mode
Figure 35. Noise Figure vs. Power Modes with 400
Ω
Termination
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com