Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 50 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 46Page - Texas Instruments AFE5808A Datasheet HTML 47Page - Texas Instruments AFE5808A Datasheet HTML 48Page - Texas Instruments AFE5808A Datasheet HTML 49Page - Texas Instruments AFE5808A Datasheet HTML 50Page - Texas Instruments AFE5808A Datasheet HTML 51Page - Texas Instruments AFE5808A Datasheet HTML 52Page - Texas Instruments AFE5808A Datasheet HTML 53Page - Texas Instruments AFE5808A Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
S0500-01
AFE
LNAx
ACTx
INPx
INMx
Input
4500Ω
3600Ω
1800Ω
900Ω
450Ω
IN
LNA
R
Z
A
1
2
=
n
+
f
IN
IN
IN
LNA
R
Z
/ /C
/ /R
A
1
2
=
n
+
f
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
Under the no termination configuration, the input impedance of the AFE5808A is about 6K
Ω (8 K//20 pF) at 1
MHz. Passive termination requires external termination resistor Rt, which contributes to additional thermal noise.
The LNA supports active termination with programmable values, as shown in Figure 85 .
Figure 85. Active Termination Implementation
The AFE5808A has four pre-settings 50,100, 200 and 400
Ω which are configurable through the registers. Other
termination values can be realized by setting the termination switches shown in Figure 85. Register [52] is used
to enable these switches. The input impedance of the LNA under the active termination configuration
approximately follows:
(6)
Table 5 lists the LNA RINs under different LNA gains. System designers can achieve fine tuning for different
probes.
The equivalent input impedance is given by Equation 7 where RIN (8 K) and CIN (20 pF) are the input resistance
and capacitance of the LNA.
(7)
Therefore the ZIN is frequency dependent and it decreases as frequency increases shown in Figure 10. Since 2
MHz~10 MHz is the most commonly used frequency range in medical ultrasound, this rolling-off effect doesn’t
impact system performance greatly. Active termination can be applied to both CW and TGC modes. Since each
ultrasound system includes multiple transducers with different impedances, the flexibility of impedance
configuration is a great plus.
Figure 32, Figure 33, and Figure 34 shows the NF under different termination configurations. It indicates that no
termination achieves the best noise figure; active termination adds less noise than passive termination. Thus
termination topology should be carefully selected based on each use scenario in ultrasound.
50
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com