Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 45Page - Texas Instruments AFE5808A Datasheet HTML 46Page - Texas Instruments AFE5808A Datasheet HTML 47Page - Texas Instruments AFE5808A Datasheet HTML 48Page - Texas Instruments AFE5808A Datasheet HTML 49Page - Texas Instruments AFE5808A Datasheet HTML 50Page - Texas Instruments AFE5808A Datasheet HTML 51Page - Texas Instruments AFE5808A Datasheet HTML 52Page - Texas Instruments AFE5808A Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
2
2
2
total
LNAnoise
s
LNAnoise
LNA _ Noise
V
R
I
=
+
´
(b) Active Termination
S0499-01
LNA
R
s
(a)No Termination
(c)Passive Termination
LNA
R
s
R
f
LNA
R
s
R
t
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
CM_BYP and VHIGH pins, which generate internal reference voltages, need to be decoupled with
≥1uF
capacitors. Bigger bypassing capacitors (>2.2uF) may be beneficial if low frequency noise exists in system.
LNA Noise Contribution
The noise spec is critical for LNA and it determines the dynamic range of entire system. The LNA of the
AFE5808A achieves low power and an exceptionally low-noise voltage of 0.63 nV/
√Hz, and a low current noise
of 2.7 pA/
√Hz.
Typical ultrasonic transducer’s impedance Rs varies from tens of ohms to several hundreds of ohms. Voltage
noise is the dominant noise in most cases; however, the LNA current noise flowing through the source
impedance (Rs) generates additional voltage noise.
(5)
The AFE5808A achieves low noise figure (NF) over a wide range of source resistances as shown in Figure 32,
Figure 33, andFigure 34.
Active Termination
In ultrasound applications, signal reflection exists due to long cables between transducer and system. The
reflection results in extra ringing added to echo signals in PW mode. Since the axial resolution depends on echo
signal length, such ringing effect can degrade the axial resolution. Hence, either passive termination or active
termination, is preferred if good axial resolution is desired. Figure 84 shows three termination configurations:
Figure 84. Termination Configurations
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com