Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 33 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 29Page - Texas Instruments AFE5808A Datasheet HTML 30Page - Texas Instruments AFE5808A Datasheet HTML 31Page - Texas Instruments AFE5808A Datasheet HTML 32Page - Texas Instruments AFE5808A Datasheet HTML 33Page - Texas Instruments AFE5808A Datasheet HTML 34Page - Texas Instruments AFE5808A Datasheet HTML 35Page - Texas Instruments AFE5808A Datasheet HTML 36Page - Texas Instruments AFE5808A Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
Table 4. VCA Register Map (continued)
ADDRESS
ADDRESS
Default
FUNCTION
DESCRIPTION
(DEC)
(HEX)
Value
53[11]
0x35[11]
0
MED_POWER
0: Low noise mode;
1: Sets to medium power mode(53[10]=0). At 30dB PGA, total chain
gain may slightly change.
See typical characteristics
53[12]
0x35[12]
0
PDN_VCAT_PGA
0: Normal operation;
1: Powers down VCAT (voltage-controlled-attenuator) and PGA
53[13]
0x35[13]
0
PDN_LNA
0: Normal operation;
1: Powers down LNA only
53[14]
0x35[14]
0
VCA_PARTIAL_PDN
0: Normal operation;
1: Powers down LNA, VCAT, and PGA partially(fast wake response)
53[15]
0x35[15]
0
VCA_COMPLETE_PDN
0: Normal operation;
1: Powers down LNA, VCAT, and PGA completely (slow wake
response). This bit can overwrite 53[14].
54[4:0]
0x36[4:0]
0
CW_SUM_AMP_GAIN_CNTL
Selects Feedback resistor for the CW Amplifier as per Table 6 below
54[5]
0x36[5]
0
CW_16X_CLK_SEL
0: Accepts differential clock;
1: Accepts CMOS clock
54[6]
0x36[6]
0
CW_1X_CLK_SEL
0: Accepts CMOS clock;
1: Accepts differential clock
54[7]
0x36[7]
0
RESERVED
Set to 0
54[8]
0x36[8]
0
CW_TGC_SEL
0: TGC Mode;
1 : CW Mode
Note : VCAT and PGA are still working in CW mode. They should be
powered down separately through 53[12]
54[9]
0x36[9]
0
CW_SUM_AMP_ENABLE
0: enables CW summing amplifier;
1: disables CW summing amplifier
Note: 54[9] is only effective in CW mode.
54[11:10]
0x36[11:10]
0
CW_CLK_MODE_SEL
00: 16X mode;
01: 8X mode;
10: 4X mode;
11: 1X mode
55[3:0]
0x37[3:0]
0
CH1_CW_MIXER_PHASE
55[7:4]
0x37[7:4]
0
CH2_CW_MIXER_PHASE
55[11:8]
0x37[11:8]
0
CH3_CW_MIXER_PHASE
55[15:12]
0x37[15:12]
0
CH4_CW_MIXER_PHASE
0000
→1111, 16 different phase delays, see Table 9
56[3:0]
0x38[3:0]
0
CH5_CW_MIXER_PHASE
56[7:4]
0x38[7:4]
0
CH6_CW_MIXER_PHASE
56[11:8]
0x38[11:8]
0
CH7_CW_MIXER_PHASE
56[15:12]
0x38[15:12]
0
CH8_CW_MIXER_PHASE
57[1:0]
0x39[1:0]
0
CH1_LNA_GAIN_CNTL
00: 18dB;
01: 24dB;
57[3:2]
0x39[3:2]
0
10: 12dB;
CH2_LNA_GAIN_CNTL
11: Reserved
REG52[15] should be set as '1'
57[5:4]
0x39[5:4]
0
CH3_LNA_GAIN_CNTL
00: 18dB;
01: 24dB;
57[7:6]
0x39[7:6]
0
CH4_LNA_GAIN_CNTL
10: 12dB;
11: Reserved
57[9:8]
0x39[9:8]
0
CH5_LNA_GAIN_CNTL
REG52[15] should be set as '1'
57[11:10]
0x39[11:10]
0
CH6_LNA_GAIN_CNTL
57[13:12]
0x39[13:12]
0
CH7_LNA_GAIN_CNTL
57[15:14]
0x39[15:14]
0
CH8_LNA_GAIN_CNTL
59[3:2]
0x3B[3:2]
0
HPF_LNA
00: 100kHz;
01: 50kHz;
10: 200kHz;
11: 150kHz with 0.015uF on INMx
59[6:4]
0x3B[6:4]
0
DIG_TGC_ATT_GAIN
000: 0dB attenuation;
001: 6dB attenuation;
N: ~N×6dB attenuation when 59[7] = 1
59[7]
0x3B[7]
0
DIG_TGC_ATT
0: disable digital TGC attenuator;
1: enable digital TGC attenuator
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com