Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 4Page - Texas Instruments AFE5808A Datasheet HTML 5Page - Texas Instruments AFE5808A Datasheet HTML 6Page - Texas Instruments AFE5808A Datasheet HTML 7Page - Texas Instruments AFE5808A Datasheet HTML 8Page - Texas Instruments AFE5808A Datasheet HTML 9Page - Texas Instruments AFE5808A Datasheet HTML 10Page - Texas Instruments AFE5808A Datasheet HTML 11Page - Texas Instruments AFE5808A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, AC-coupled with 0.1 µF at INP and bypassed to
ground with 15 nF at INM, No active termination, VCNTL = 0 V, fIN = 5 MHz, LNA = 18 dB, PGA = 24 dB, 14Bit, sample
rate = 65 MSPS, LPF Filter = 15 MHz, low noise mode, VOUT = –1 dBFS, internal 500 Ω CW feedback resistor, CMOS CW
clocks, ADC configured in internal reference mode, single-ended VCNTL mode, VCNTLM = GND, at ambient temperature
TA = 25°C, unless otherwise noted. Min and max values are specified across full-temperature range with AVDD_5 V = 5 V,
AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
CW DOPPLER
1 channel mixer, LNA = 24 dB, 500
Ω feedback resistor
0.8
en (RTI)
Input voltage noise (CW)
nV/rtHz
8 channel mixer, LNA = 24 dB, 62.5
Ω feedback resistor
0.33
1 channel mixer, LNA = 24 dB, 500
Ω feedback resistor
12
en (RTO)
Output voltage noise (CW)
nV/rtHz
8 channel mixer, LNA = 24 dB, 62.5
Ω feedback resistor
5
1 channel mixer, LNA = 18 dB, 500
Ω feedback resistor
1.1
en (RTI)
Input voltage noise (CW)
nV/rtHz
8 channel mixer, LNA = 18 dB, 62.5
Ω feedback resistor
0.5
1 channel mixer, LNA = 18 dB, 500
Ω feedback resistor
8.1
en (RTO)
Output voltage noise (CW)
nV/rtHz
8 channel mixer, LNA = 18 dB, 62.5
Ω feedback resistor
4.0
Rs = 100
Ω,RIN = High Z, fin = 2 MHz (LNA, I/Q mixer and summing
NF
Noise figure
1.8
dB
amplifier/filter)
fCW
CW Operation Range
(2)
CW signal carrier frequency
8
MHz
1X CLK (16X mode)
8
CW Clock frequency
16X CLK(16X mode)
128
MHz
4X CLK(4X mode)
32
AC coupled LVDS clock amplitude
0.7
CLKM_16X-CLKP_16X; CLKM_1X-CLKP_1X
VPP
AC coupled LVPECL clock amplitude
1.6
CLK duty cycle
1X and 16X CLKs
35%
65%
Common-mode voltage
Internal provided
2.5
V
VCMOS
CMOS Input clock amplitude
4
5
V
CW Mixer conversion loss
4
dB
CW Mixer phase noise
1 kHz off 2MHz carrier
156
dBc/Hz
DR
Input dynamic range
FIN = 2MHz, LNA = 24/18/12 dB
160/164/165
dBFS/Hz
f1 = 5 MHz, f2 = 5.01 MHz, both tones at -8.5 dBm amplitude, 8
–50
dBc
channels summed up in-phase, CW feedback resistor = 87
Ω
IMD3
Intermodulation distortion
f1 = 5 MHz, F2 = 5.01 MHz, both tones at –8.5 dBm amplitude, Single
–60
dBc
channel case, CW feed back resistor = 500
Ω
I/Q Channel gain matching
16X mode
±0.04
dB
I/Q Channel phase matching
16X mode
±0.1
Degree
I/Q Channel gain matching
4X mode
±0.04
dB
I/Q Channel phase matching
4X mode
±0.1
Degree
fin = 2.01 MHz, 300 mV input amplitude, CW clock frequency = 2.00
Image rejection ratio
–50
dBc
MHz
(2)
In the 16X operation mode, the CW operation range is limited to 8MHz due to the 16X CLK. The maximum clock frequency for the 16X
CLK is 128MHz. In the 8X, 4X, and 1X modes, higher CW signal frequencies up to 15 MHz can be supported with small degradation in
performance, see application information: CW clock selection. .
8
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com