Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 14 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 10Page - Texas Instruments AFE5808A Datasheet HTML 11Page - Texas Instruments AFE5808A Datasheet HTML 12Page - Texas Instruments AFE5808A Datasheet HTML 13Page - Texas Instruments AFE5808A Datasheet HTML 14Page - Texas Instruments AFE5808A Datasheet HTML 15Page - Texas Instruments AFE5808A Datasheet HTML 16Page - Texas Instruments AFE5808A Datasheet HTML 17Page - Texas Instruments AFE5808A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
−30
−25
−20
−15
−10
−5
0
5
0
10
20
30
40
50
60
Frequency (MHz)
10MHz
15MHz
20MHz
30MHz
−30
−27
−24
−21
−18
−15
−12
−9
−6
−3
0
3
10
100
500
LNA INPUT HPF CHARECTERISTICS
Frequency (KHz)
01
00
11
10
−40
−35
−30
−25
−20
−15
−10
−5
0
5
10
100
500
HPF CHARECTERISTICS (LNA+VCA+PGA+ADC)
Frequency (KHz)
−170
−168
−166
−164
−162
−160
−158
−156
−154
−152
−150
−148
−146
−144
100
1000
10000
50000
Single Channel CW PN
Offset frequency (Hz)
16X Clock Mode
8X Clock Mode
4X Clock Mode
−170
−168
−166
−164
−162
−160
−158
−156
−154
−152
−150
−148
−146
−144
100
1000
10000
50000
Phase Noise
Frequency Offset (Hz)
PN 1 Ch
PN 8 Ch
−170
−168
−166
−164
−162
−160
−158
−156
−154
−152
−150
−148
−146
−144
100
1000
10000
50000
Eight Channel CW PN
Offset frequency (Hz)
16X Clock Mode
8X Clock Mode
4X Clock Mode
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 12. Low-Pass Filter Response
Figure 13. LNA High-Pass Filter Response vs. Reg59[3:2]
Figure 14. Full Channel High-Pass Filter Response at
Figure 15. CW Phase Noise, FIN = 2MHz
Default Register Setting
Figure 16. CW Phase Noise, FIN = 2 MHz, 1 Channel vs. 8
Figure 17. CW Phase Noise vs. Clock Modes, FIN = 2 MHz
Channel
14
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com