Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 37 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 33Page - Texas Instruments AFE5808A Datasheet HTML 34Page - Texas Instruments AFE5808A Datasheet HTML 35Page - Texas Instruments AFE5808A Datasheet HTML 36Page - Texas Instruments AFE5808A Datasheet HTML 37Page - Texas Instruments AFE5808A Datasheet HTML 38Page - Texas Instruments AFE5808A Datasheet HTML 39Page - Texas Instruments AFE5808A Datasheet HTML 40Page - Texas Instruments AFE5808A Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
LNAx
INPx
INMx
ACTx
INPUT
AFE
C
ACT
C
IN
C
BYPSS
CLAMP
DC Offset
Correction
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
The AFE5808A can be terminated passively or actively. Active termination is preferred in ultrasound application
for reducing reflection from mismatches and achieving better axial resolution without degrading noise figure too
much. Active termination values can be preset to 50, 100, 200, 400
Ω; other values also can be programmed by
users through register 52[4:0]. A feedback capacitor is required between ACTx and the signal source as
Figure 65 shows. On the active termination path, a clamping circuit is also used to create a low impedance path
when overload signal is seen by the AFE5808A. The clamp circuit limits large input signals at the LNA inputs and
improves the overload recovery performance of the AFE5808A. The clamp level can be set to 350mVpp,
600mVpp, 1.15Vpp automatically depending on the LNA gain settings when register 52[10:9]=0. Other clamp
voltages, such as 1.15Vpp, 0.6Vpp, and 1.5Vpp, are also achievable by setting register 52[10:9]. This clamping
circuit is also designed to obtain good pulse inversion performance and reduce the impact from asymmetric
inputs.
Figure 65. AFE5808A LNA with DC Offset Correction Circuit
VOLTAGE-CONTROLLED ATTENUATOR
The voltage-controlled attenuator is designed to have a linear-in-dB attenuation characteristic; that is, the
average gain loss in dB (refer to Figure 2) is constant for each equal increment of the control voltage (VCNTL) as
shown in Figure 66. A differential control structure is used to reduce common mode noise. A simplified attenuator
structure is shown in the following Figure 66 and Figure 67.
The attenuator is essentially a variable voltage divider that consists of the series input resistor (RS) and seven
shunt FETs placed in parallel and controlled by sequentially activated clipping amplifiers (A1 through A7). VCNTL
is the effective difference between VCNTLP and VCNTLM. Each clipping amplifier can be understood as a
specialized voltage comparator with a soft transfer characteristic and well-controlled output limit voltage.
Reference voltages V1 through V7 are equally spaced over the 0V to 1.5Vcontrol voltage range. As the control
voltage increases through the input range of each clipping amplifier, the amplifier output rises from a voltage
where the FET is nearly OFF to VHIGH where the FET is completely ON. As each FET approaches its ON state
and the control voltage continues to rise, the next clipping amplifier/FET combination takes over for the next
portion of the piecewise-linear attenuation characteristic. Thus, low control voltages have most of the FETs
turned OFF, producing minimum signal attenuation. Similarly, high control voltages turn the FETs ON, leading to
maximum signal attenuation. Therefore, each FET acts to decrease the shunt resistance of the voltage divider
formed by Rs and the parallel FET network.
Additionally, a digitally controlled TGC mode is implemented to achieve better phase-noise performance in the
AFE5808A. The attenuator can be controlled digitally instead of the analog control voltage VCNTL. This mode can
be set by the register bit 59[7]. The variable voltage divider is implemented as a fixed series resistance and FET
as the shunt resistance. Each FET can be turned ON by connecting the switches SW1-7. Turning on each of the
switches can give approximately 6dB of attenuation. This can be controlled by the register bits 59[6:4]. This
digital control feature can eliminate the noise from the VCNTL circuit and ensure the better SNR and phase noise
for TGC path.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com