Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 19 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 15Page - Texas Instruments AFE5808A Datasheet HTML 16Page - Texas Instruments AFE5808A Datasheet HTML 17Page - Texas Instruments AFE5808A Datasheet HTML 18Page - Texas Instruments AFE5808A Datasheet HTML 19Page - Texas Instruments AFE5808A Datasheet HTML 20Page - Texas Instruments AFE5808A Datasheet HTML 21Page - Texas Instruments AFE5808A Datasheet HTML 22Page - Texas Instruments AFE5808A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
−90
−80
−70
−60
−50
−40
12
18
24
30
36
42
Gain (dB)
Low noise
Low power
Medium power
−90
−85
−80
−75
−70
−65
−60
−55
−50
−45
−40
18
24
30
36
42
48
Gain (dB)
Low noise
Low power
Medium power
−70
−66
−62
−58
−54
−50
14
18
22
26
30
34
38
42
Gain (dB)
Fin1=2MHz, Fin2=2.01MHz
Fin1=5MHz, Fin2=5.01MHz
G001
−90
−80
−70
−60
−50
−40
18
21
24
27
30
33
36
39
42
45
48
Gain (dB)
Low noise
Low power
Medium power
−70
−66
−62
−58
−54
−50
14
18
22
26
30
34
38
42
Gain (dB)
Fin1=2MHz, Fin2=2.01MHz
Fin1=5MHz, Fin2=5.01MHz
G001
−75
−70
−65
−60
5
10
100
1000 2000
PSMR vs SUPPLY FREQUENCY
Supply frequency (kHz)
Vcntl = 0
Vcntl = 0.3
Vcntl = 0.6
Vcntl = 0.9
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
TYPICAL CHARACTERISTICS (continued)
Figure 42. HD3 vs. Gain, LNA = 18 dB and PGA = 24 dB
Figure 43. HD2 vs. Gain, LNA = 24 dB and PGA = 24 dB
and VOUT = -1 dBFS
and VOUT = -1 dBFS
Figure 44. HD3 vs. Gain, LNA = 24 dB and PGA = 24 dB
Figure 45. IMD3, Fout1 = -1 dBFS and Fout2 = -21 dBFS
and VOUT = -1 dBFS
Figure 46. IMD3, Fout1 = -7dBFS and Fout2 = -7dBFS
Figure 47. AVDD Power Supply Modulation Ratio, 100
mVPP Supply Noise with Different Frequencies
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com