Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 27 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 23Page - Texas Instruments AFE5808A Datasheet HTML 24Page - Texas Instruments AFE5808A Datasheet HTML 25Page - Texas Instruments AFE5808A Datasheet HTML 26Page - Texas Instruments AFE5808A Datasheet HTML 27Page - Texas Instruments AFE5808A Datasheet HTML 28Page - Texas Instruments AFE5808A Datasheet HTML 29Page - Texas Instruments AFE5808A Datasheet HTML 30Page - Texas Instruments AFE5808A Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
REGISTER MAP
A reset process is required at the AFE5808A initialization stage. Initialization can be done in one of two ways:
1. Through a hardware reset, by applying a positive pulse in the RESET pin
2. Through a software reset, using the serial interface, by setting the SOFTWARE RESET bit to high. Setting
this bit initializes the internal registers to the respective default values (all zeros) and then self-resets the
SOFTWARE RESET bit to low. In this case, the RESET pin can stay low (inactive).
After reset, all ADC and VCA registers are set to ‘0’, i.e. default settings. During register programming, all
reserved/unlisted register bits need to be set as ‘0’. Register settings are maintained when the AFE5808A is in
either partial power down mode or complete power down mode.
ADC Register Map
Table 2. ADC Register Map
ADDRESS
ADDRESS
Default
FUNCTION
DESCRIPTION
(DEC)
(HEX)
Value
0[0]
0x0[0]
0
SOFTWARE_RESET
0: Normal operation;
1: Resets the device and self-clears the bit to '0'
0[1]
0x0[1]
0
REGISTER_READOUT_ENABLE
0:Disables readout;
1: enables readout of register at SDOUT Pin
1[0]
0x1[0]
0
ADC_COMPLETE_PDN
0: Normal
1: Complete Power down
1[1]
0x1[1]
0
LVDS_OUTPUT_DISABLE
0: Output Enabled;
1: Output disabled
1[9:2]
0x1[9:2]
0
ADC_PDN_CH<7:0>
0: Normal operation;
1: Power down. Power down Individual ADC channels.
1[9]
→CH8…1[2]→CH1
1[10]
0x1[10]
0
PARTIAL_PDN
0: Normal Operation;
1: Partial Power Down ADC
1[11]
0x1[11]
0
LOW_FREQUENCY_
0: No suppression;
NOISE_SUPPRESSION
1: Suppression Enabled
1[13]
0x1[13]
0
EXT_REF
0: Internal Reference;
1: External Reference. VREF_IN is used. Both 3[15] and 1[13] should be set
as 1 in the external reference mode
1[14]
0x1[14]
0
LVDS_OUTPUT_RATE_2X
0: 1x rate;
1: 2x rate. Combines data from 2 channels on 1 LVDS pair. When ADC clock
rate is low, this feature can be used
1[15]
0x1[15]
0
SINGLE-ENDED_CLK_MODE
0: Differential clock input;
1: Single-ended clock input
2[2:0]
0x2[2:0]
0
RESERVED
Set to 0
2[10:3]
0x2[10:3]
0
POWER-DOWN_LVDS
0: Normal operation;
1: PDN Individual LVDS outputs. 2[10]
→CH8…2[3]→CH1
2[11]
0x2[11]
0
AVERAGING_ENABLE
0: No averaging;
1: Average 2 channels to increase SNR
2[12]
0x2[12]
0
LOW_LATENCY
0: Default Latency with digital features supported, 11 cycle latency
1: Low Latency with digital features bypassed, 8 cycle latency
2[15:13]
0x2[15:3]
0
TEST_PATTERN_MODES
000: Normal operation;
001: Sync;
010: De-skew;
011: Custom;
100:All 1's;
101: Toggle;
110: All 0's;
111: Ramp
3[7:0]
0x3[7:0]
0
INVERT_CHANNELS
0: No inverting;
1:Invert channel digital output. 3[7]
→CH8;3[0]→CH1
3[8]
0x3[8]
0
CHANNEL_OFFSET_
0: No offset subtraction;
SUBSTRACTION_ENABLE
1: Offset value Subtract Enabled
3[9:11]
0x3[9:11]
0
RESERVED
Set to 0
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com