Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 43 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 39Page - Texas Instruments AFE5808A Datasheet HTML 40Page - Texas Instruments AFE5808A Datasheet HTML 41Page - Texas Instruments AFE5808A Datasheet HTML 42Page - Texas Instruments AFE5808A Datasheet HTML 43Page - Texas Instruments AFE5808A Datasheet HTML 44Page - Texas Instruments AFE5808A Datasheet HTML 45Page - Texas Instruments AFE5808A Datasheet HTML 46Page - Texas Instruments AFE5808A Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
1X Clock
Phase 337.5º
16-to-8 Cross Point Switch
1X Clock
Phase 0º
1X Clock
Phase 22.5º
1X Clock
Phase 315º
1X Clock
Phase 292.5º
Mixer 1
1X Clock
Mixer 2
1X Clock
Mixer 3
1X Clock
Mixer 6
1X Clock
Mixer 7
1X Clock
Mixer 8
1X Clock
Fin 16X Clock
SPI
D Q
Fin 1X Clock
INV
16 Phase Generator
Fin 1X Clock
Fin 1X Clock
1X Clock
Phase 0°
Fin 16X Clock
1X Clock
Phase 22.5°
1X Clock
Phase 45°
1X Clock
Phase 90°
Quadrature
clocks
1
T
16
1
T
16
delayed
in
in
in
0
delayed
in
in
in
0
2
2
1
I
(t)
I cos
Q sin
I
t
16
16
16
2
2
1
Q
(t)
Q cos
I sin
Q
t
16
16
16
æ
ö
p
p
æ
ö
æ
ö
=
+
=
+
ç
÷
ç
÷
ç
÷
è
ø
è
ø
è
ø
æ
ö
p
p
æ
ö
æ
ö
=
-
=
+
ç
÷
ç
÷
ç
÷
è
ø
è
ø
è
ø
f
f
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
Figure 72.
Figure 73. 1x and 16x CW Clock Timing
8 × ƒcw and 4 × ƒcw Modes
8 × ƒcw and 4 × ƒcw modes are alternative modes when higher frequency clock solution (i.e. 16 × ƒcw clock) is not
available in system. The block diagram of these two modes is shown below.
Good phase accuracy and matching are also maintained. Quadature clock generator is used to create in-phase
and quadrature clocks with exact 90° phase difference. The only difference between 8 × ƒcw and 4 × ƒcw modes
is the accessibility of the 3rd and 5th harmonic suppression filter. In the 8 × ƒcw mode, the suppression filter can
be supported. In both modes,
phase delay resolution is achieved by weighting the in-phase and quadrature
paths correspondingly. For example, if a delay of
or 22.5° is targeted, the weighting coefficients should
follow the below equations, assuming Iin and Qin are sin(ω0t) and cos(ω0t) respectively:
(4)
Therefore, after I/Q mixers, phase delay in the received signals is compensated. The mixers’ outputs from all
channels are aligned and added linearly to improve the signal to noise ratio. It is preferred to have the 4 × ƒcw or
8 × ƒcw and 1 × ƒcw clocks aligned both at the rising edge.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com