Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 22 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 18Page - Texas Instruments AFE5808A Datasheet HTML 19Page - Texas Instruments AFE5808A Datasheet HTML 20Page - Texas Instruments AFE5808A Datasheet HTML 21Page - Texas Instruments AFE5808A Datasheet HTML 22Page - Texas Instruments AFE5808A Datasheet HTML 23Page - Texas Instruments AFE5808A Datasheet HTML 24Page - Texas Instruments AFE5808A Datasheet HTML 25Page - Texas Instruments AFE5808A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
TIMING CHARACTERISTICS
(1)
Typical values are at 25°C, AVDD_5V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, Differential clock, CLOAD =
5pF, RLOAD = 100 Ω, 14Bit, sample rate = 65MSPS, unless otherwise noted. Minimum and maximum values are across the
full temperature range TMIN = 0°C to TMAX = 85°C with AVDD_5V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ta
Aperture delay
The delay in time between the rising edge of the input sampling
0.7
3
ns
clock and the actual time at which the sampling occurs
Aperture delay
Across channels within the same device
±150
ps
matching
tj
Aperture jitter
450
Fs rms
ADC latency
Default, after reset, or / 0 x 2 [12] = 1, LOW_LATENCY = 1
11/8
Input
clock
cycles
tdelay
Data and frame clock
Input clock rising edge (zero cross) to frame clock rising edge (zero
3
5.4
7
ns
delay
cross) minus 3/7 of the input clock period (T).
Δtdelay
Delay variation
At fixed supply and 20°C T difference. Device to device
–1
1
ns
tRISE
Data rise time Data fall
Rise time measured from –100 mV to 100 mV Fall time measured
0.14
ns
time
from 100 mV to –100 mV 10 MHz < fCLKIN < 65 MHz
tFALL
0.15
tFCLKRISE
Frame clock rise time
Rise time measured from –100mV to 100mV Fall time measured
0.14
ns
Frame clock fall time
from 100 mV to –100 mV 10 MHz < fCLKIN < 65MHz
tFCLKFALL
0.15
Frame clock duty cycle
Zero crossing of the rising edge to zero crossing of the falling edge
48
50
52
%
tDCLKRISE
Bit clock rise time Bit
Rise time measured from –100mV to 100mV Fall time measured
0.13
ns
clock fall time
from 100 mV to –100 mV 10 MHz < fCLKIN < 65MHz
tDCLKFALL
0.12
Bit clock duty cycle
Zero crossing of the rising edge to zero crossing of the falling edge
46
54
%
10 MHz < fCLKIN < 65 MHz
(1)
Timing parameters are ensured by design and characterization; not production tested.
OUTPUT INTERFACE TIMING
(1) (2) (3)
Setup Time (tsu), ns
Hold Time (th), ns
tPROG = (3/7)x T + tdelay, ns
(for output data and frame clock)
(for output data and frame clock)
fCLKIN,
Input Clock
Input Clock Zero-Cross (rising edge)
Data Valid to Input Clock Zero-
Input Clock Zero-Crossing to Data
Frequency
to Frame Clock Zero-Cross (rising
Crossing
Invalid
edge)
MHz
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
65/14bit
0.24
0.37
0.24
0.38
11
12
12.5
50/14bit
0.41
0.54
0.46
0.57
13
13.9
14.4
40/14bit
0.55
0.70
0.61
0.73
15
16
16.7
30/14bit
0.87
1.10
0.94
1.1
18.5
19.5
20.1
20/14bit
1.30
1.56
1.46
1.6
25.7
26.7
27.3
(1)
FCLK timing is the same as for the output data lines. It has the same relation to DCLK as the data pins. Setup and hold are the same
for the data and the frame clock.
(2)
Data valid is logic HIGH = +100mV and logic LOW = -100mV
(3)
Timing parameters are ensured by design and characterization; not production tested.
22
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com