Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 12 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 8Page - Texas Instruments AFE5808A Datasheet HTML 9Page - Texas Instruments AFE5808A Datasheet HTML 10Page - Texas Instruments AFE5808A Datasheet HTML 11Page - Texas Instruments AFE5808A Datasheet HTML 12Page - Texas Instruments AFE5808A Datasheet HTML 13Page - Texas Instruments AFE5808A Datasheet HTML 14Page - Texas Instruments AFE5808A Datasheet HTML 15Page - Texas Instruments AFE5808A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
0
5
10
15
20
25
30
35
40
45
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5
Vcntl (V)
Low noise
Medium power
Low power
0
5
10
15
20
25
30
35
40
45
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
Vcntl (V)
−40 deg C
25 deg C
85 deg C
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
Gain (dB)
G004
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
Gain (dB)
G005
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
TYPICAL CHARACTERISTICS
AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, ac-coupled with 0.1 µF caps at INP and 1
5nF caps at INM, No active termination, VCNTL = 0 V, FIN = 5 MHz, LNA = 18 dB, PGA = 24 dB, 14 Bit, sample
rate = 65 MSPS, LPF Filter = 15 MHz, low noise mode, VOUT = -1dBFS, 500 Ω CW feedback resistor, CMOS
16X clock, ADC is configured in internal reference mode, single-ended VCNTL mode, VCNTLM = GND, at
ambient temperature TA = +25C, unless otherwise noted.
Figure 2. Gain vs. VCNTL, LNA = 18 dB and PGA = 24 dB
Figure 3. Gain Variation vs. Temperature, LNA = 18 dB and
PGA = 24 dB
Figure 4. Gain Matching Histogram,
Figure 5. Gain Matching Histogram,
VCNTL= 0.3V (34951 channels)
VCNTL = 0.6V (34951 channels)
12
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com