Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 5Page - Texas Instruments AFE5808A Datasheet HTML 6Page - Texas Instruments AFE5808A Datasheet HTML 7Page - Texas Instruments AFE5808A Datasheet HTML 8Page - Texas Instruments AFE5808A Datasheet HTML 9Page - Texas Instruments AFE5808A Datasheet HTML 10Page - Texas Instruments AFE5808A Datasheet HTML 11Page - Texas Instruments AFE5808A Datasheet HTML 12Page - Texas Instruments AFE5808A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
ELECTRICAL CHARACTERISTICS (continued)
AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, AC-coupled with 0.1 µF at INP and bypassed to
ground with 15 nF at INM, No active termination, VCNTL = 0 V, fIN = 5 MHz, LNA = 18 dB, PGA = 24 dB, 14Bit, sample
rate = 65 MSPS, LPF Filter = 15 MHz, low noise mode, VOUT = –1 dBFS, internal 500 Ω CW feedback resistor, CMOS CW
clocks, ADC configured in internal reference mode, single-ended VCNTL mode, VCNTLM = GND, at ambient temperature
TA = 25°C, unless otherwise noted. Min and max values are specified across full-temperature range with AVDD_5 V = 5 V,
AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
CW SUMMING AMPLIFIER
VCMO
Common-mode voltage
Summing amplifier inputs/outputs
1.5
V
Summing amplifier output
4
Vpp
100 Hz
2
nV/rtHz
Input referred voltage noise
1 kHz
1.2
nV/rtHz
2 KHz-100 MHz
1
nV/rtHz
Input referred current noise
2.5
pA/rtHz
Unit gain bandwidth
200
MHz
Max output current
Linear operation range
20
mApp
ADC SPECIFICATIONS
Sample rate
10
65
MSPS
SNR
Signal-to-noise ratio
Idle channel SNR of ADC 14b
77
dBFS
REFP
1.5
V
Internal reference mode
REFM
0.5
V
VREF_IN Voltage
1.4
V
External reference mode
VREF_IN Current
50
µA
ADC input full-scale range
2
Vpp
LVDS Rate
65MSPS at 14 bit
910
Mbps
POWER DISSIPATION
AVDD Voltage
3.15
3.3
3.6
V
AVDD_ADC Voltage
1.7
1.8
1.9
V
AVDD_5V Voltage
4.75
5
5.5
V
DVDD Voltage
1.7
1.8
1.9
V
TGC low noise mode, 65 MSPS
158
190
TGC low noise mode, 40 MSPS
145
Total power dissipation per channel
mW/CH
TGC medium power mode, 40 MSPS
114
TGC low power mode, 40 MSPS
101.5
TGC low noise mode, no signal
202
240
TGC medium power mode, no signal
126
TGC low power mode, no signal
99
CW-mode, no signal
147
170
AVDD (3.3V) Current
mA
TGC low noise mode, 500 mVPP Input,1% duty cycle
210
TGC medium power mode, 500 mVPP Input, 1% duty cycle
133
TGC low power, 500 mVPP Input, 1% duty cycle
105
CW-mode, 500mVpp Input
375
TGC mode no signal
25.5
35
CW Mode no signal, 16X clock = 32 MHz
32
AVDD_5V Current
mA
TGC mode, 500 mVPP Input,1% duty cycle
16.5
CW-mode, 500 mVPP Input
42.5
TGC low noise mode, no signal
99
121
TGC medium power mode, no signal
68
TGC low power mode, no signal
55.5
VCA Power dissipation
mW/CH
TGC low noise mode, 500 mVPP input,1% duty cycle
102.5
TGC medium power mode, 500 mVPP Input, 1% duty cycle
71
TGC low power mode, 500 mVPP input,1% duty cycle
59.5
CW Power dissipation
No signal, ADC shutdown CW Mode no signal, 16X clock = 32 MHz
80
mW/CH
500 mVpp input, ADC shutdown , 16X clock = 32 MHz
173
AVDD_ADC(1.8V) Current
65 MSPS
187
205
mA
DVDD(1.8V) Current
65 MSPS
77
110
mA
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com