Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 59 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 55Page - Texas Instruments AFE5808A Datasheet HTML 56Page - Texas Instruments AFE5808A Datasheet HTML 57Page - Texas Instruments AFE5808A Datasheet HTML 58Page - Texas Instruments AFE5808A Datasheet HTML 59Page - Texas Instruments AFE5808A Datasheet HTML 60Page - Texas Instruments AFE5808A Datasheet HTML 61Page - Texas Instruments AFE5808A Datasheet HTML 62Page - Texas Instruments AFE5808A Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
The AFE5808A ADC clock input can be driven by differential clocks (sine wave, LVPECL or LVDS) or singled
clocks (LVCMOS) similar to CW clocks as shown in Figure 89. In the single-end case, it is recommended that the
use of low jitter square signals (LVCMOS levels, 1.8V amplitude). See TI document SLYT075 for further details
on the theory.
The jitter cleaner CDCM7005 or CDCE72010 is suitable to generate the AFE5808A’s ADC clock and ensure the
performance for the14bit ADC with 77dBFS SNR. A clock distribution network is shown in Figure 91.
ADC Reference Circuit
The ADC’s voltage reference can be generated internally or provided externally. When the internal reference
mode is selected, the REFP/M becomes output pins and should be floated. When 3[15] =1 and 1[13]=1, the
device is configured to operate in the external reference mode in which the VREF_IN pin should be driven with a
1.4V reference voltage and REFP/M must be left open. Since the input impedance of the VREF_IN is high, no
special drive capability is required for the 1.4V voltage reference
The digital beam-forming algorithm in an ultrasound system relies on gain matching across all receiver channels.
A typical system would have about 12 octal AFEs on the board. In such a case, it is critical to ensure that the
gain is matched, essentially requiring the reference voltages seen by all the AFEs to be the same. Matching
references within the eight channels of a chip is done by using a single internal reference voltage buffer.
Trimming the reference voltages on each chip during production ensures that the reference voltages are well-
matched across different chips. When the external reference mode is used, a solid reference plane on a printed
circuit board can ensure minimal voltage variation across devices. More information on voltage reference design
can be found in the document SLYT339. The dominant gain variation in the AFE5808A comes from the VCA
gain variation. The gain variation contributed by the ADC reference circuit is much smaller than the VCA gain
variation. Hence, in most systems, using the ADC internal reference mode is sufficient to maintain good gain
matching among multiple AFE5808As. In addition, the internal reference circuit without any external components
achieves satisfactory thermal noise and phase noise performance.
POWER MANAGEMENT
Power/Performance Optimization
The AFE5808A has options to adjust power consumption and meet different noise performances. This feature
would be useful for portable systems operated by batteries when low power is more desired. Refer to
characteristics information listed in the table of electrical characteristics as well as the typical characteristic plots.
Power Management Priority
Power management plays a critical role to extend battery life and ensure long operation time. The AFE5808A
has fast and flexible power down/up control which can maximize battery life. The AFE5808A can be powered
down/up through external pins or internal registers. The following table indicates the affected circuit blocks and
priorities when the power management is invoked. The higher priority controls can overwrite the lower priority
ones.In the device, all the power down controls are logically ORed to generate final power down for different
blocks. Thus, the higher priority controls can cover the lower priority ones. The AFE5808A register settings are
maintained when the AFE5808A is in either partial power down mode or complete power down mode.
Table 13. Power Management Priority
Name
Blocks
Priority
Pin
PDN_GLOBAL
All
High
Pin
PDN_VCA
LNA + VCAT+ PGA
Medium
Register
VCA_PARTIAL_PDN
LNA + VCAT+ PGA
Low
Register
VCA_COMPLETE_PDN
LNA + VCAT+ PGA
Medium
Pin
PDN_ADC
ADC
Medium
Register
ADC_PARTIAL_PDN
ADC
Low
Register
ADC_COMPLETE_PDN
ADC
Medium
Register
PDN_VCAT_PGA
VCAT + PGA
Lowest
Register
PDN_LNA
LNA
Lowest
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com