Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 61 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 57Page - Texas Instruments AFE5808A Datasheet HTML 58Page - Texas Instruments AFE5808A Datasheet HTML 59Page - Texas Instruments AFE5808A Datasheet HTML 60Page - Texas Instruments AFE5808A Datasheet HTML 61Page - Texas Instruments AFE5808A Datasheet HTML 62Page - Texas Instruments AFE5808A Datasheet HTML 63Page - Texas Instruments AFE5808A Datasheet HTML 64Page - Texas Instruments AFE5808A Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
500 Ω
I/VSum
Amp
Cext
Rint/Rext
Rint/Rext
CW_OUTM
CW_OUTP
LNA
INP
INM
ACT
INPUT
CW_AMPINM
CW_AMPINP
Mixer
Clock
PGA_P
PGA_M
Cext
5 K
5K
500 Ω
S0504-01
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
Some registers are related to this test mode. PGA Test Mode Enable: Reg59[9]; Buffer Amplifier Power Down
Reg59[8]; and Buffer Amplifier Gain Control Reg54[4:0]. Based on the buffer amplifier configuration, the registers
can be set in different ways:
Configuration 1:
In this configuration, the test outputs can be monitored at CW_AMPINP/M
•
Reg59[9]=1 ;Test mode enabled
•
Reg59[8]=0 ;Buffer amplifier powered down
Configuration 2:
In this configuration, the test outputs can be monitored at CW_OUTP/M
•
Reg59[9]=1 ;Test mode enabled
•
Reg59[8]=1 ;Buffer amplifier powered on
•
Reg54[4:0]=10H; Internal feedback 2K resistor enabled. Different values can be used as well
Figure 92. AFE5808A PGA Test Mode
POWER SUPPLY, GROUNDING AND BYPASSING
In a mixed-signal system design, power supply and grounding design plays a significant role. The AFE5808A
distinguishes between two different grounds: AVSS(Analog Ground) and DVSS(digital ground). In most cases, it
should be adequate to lay out the printed circuit board (PCB) to use a single ground plane for the AFE5808A.
Care should be taken that this ground plane is properly partitioned between various sections within the system to
minimize interactions between analog and digital circuitry. Alternatively, the digital (DVDD) supply set consisting
of the DVDD and DVSS pins can be placed on separate power and ground planes. For this configuration, the
AVSS and DVSS grounds should be tied together at the power connector in a star layout. In addition, optical
isolator or digital isolators, such as ISO7240, can separate the analog portion from the digital portion completely.
Consequently they prevent digital noise to contaminate the analog portion. Table 13 lists the related circuit blocks
for each power supply.
Table 14. Supply vs Circuit Blocks
POWER SUPPLY
GROUND
CIRCUIT BLOCKS
LNA, attenuator, PGA with current clamp
AVDD (3.3VA)
AVSS
and BPF, reference circuits, CW summing
amplifier, CW mixer, VCA SPI
AVDD_5V (5VA)
AVSS
LNA, CW clock circuits, reference circuits
AVDD_ADC (1.8VA)
AVSS
ADC analog and reference circuits
DVDD (1.8VD)
DVSS
LVDS and ADC SPI
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com