Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 55 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 51Page - Texas Instruments AFE5808A Datasheet HTML 52Page - Texas Instruments AFE5808A Datasheet HTML 53Page - Texas Instruments AFE5808A Datasheet HTML 54Page - Texas Instruments AFE5808A Datasheet HTML 55Page - Texas Instruments AFE5808A Datasheet HTML 56Page - Texas Instruments AFE5808A Datasheet HTML 57Page - Texas Instruments AFE5808A Datasheet HTML 58Page - Texas Instruments AFE5808A Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
S0502-01
500 Ω
I/VSum
Amp
Cext
Cext
Rint/Rext
Rint/Rext
CW_OUTM
CW_OUTP
ExtSum
Amp
LNA1
INM1
LNA2
INM2
LNA8
INM8
CWIorQCHANNEL
Structure
INPUT1
INPUT2
INPUT8
AFENo.2
AFENo.3
AFENo.4
AFENo.1
CW_AMPINP
CW_AMPINM
Mixer 1
Clock
Mixer 2
Clock
Mixer 8
Clock
ACT1
ACT2
ACT8
C
AC
R
SUM
INP1
INP2
INP8
500 Ω
500 Ω
500 Ω
500 Ω
500 Ω
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
Figure 88. CW circuit with Multiple AFE5808As
The CW I/Q channels are well matched internally to suppress image frequency components in Doppler spectrum.
Low tolerance components and precise operational amplifiers should be used for achieving good matching in the
external circuits as well.
CW Clock Selection
The AFE5808A can accept differential LVDS, LVPECL, and other differential clock inputs as well as single-ended
CMOS clock. An internally generated VCM of 2.5V is applied to CW clock inputs, i.e. CLKP_16X/ CLKM_16X
and CLKP_1X/ CLKM_1X. Since this 2.5V VCM is different from the one used in standard LVDS or LVPECL
clocks, AC coupling is required between clock drivers and the AFE5808A CW clock inputs. When CMOS clock is
used, CLKM_1X and CLKM_16X should be tied to ground. Common clock configurations are illustrated in
Figure 89. Appropriate termination is recommended to achieve good signal integrity.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com