Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 28 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 24Page - Texas Instruments AFE5808A Datasheet HTML 25Page - Texas Instruments AFE5808A Datasheet HTML 26Page - Texas Instruments AFE5808A Datasheet HTML 27Page - Texas Instruments AFE5808A Datasheet HTML 28Page - Texas Instruments AFE5808A Datasheet HTML 29Page - Texas Instruments AFE5808A Datasheet HTML 30Page - Texas Instruments AFE5808A Datasheet HTML 31Page - Texas Instruments AFE5808A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
Table 2. ADC Register Map (continued)
ADDRESS
ADDRESS
Default
FUNCTION
DESCRIPTION
(DEC)
(HEX)
Value
3[12]
0x3[12]
0
DIGITAL_GAIN_ENABLE
0: No digital gain;
1: Digital gain Enabled
3[14:13]
0x3[14:13]
0
SERIALIZED_DATA_RATE
Serialization factor
00: 14x
01: 16x
10: reserved
11: 12x
when 4[1]=1. In the 16x serialization rate, two 0s are filled at two LSBs (see
Table 1)
3[15]
0x3[15]
0
ENABLE_EXTERNAL_
0: Internal reference mode;
REFERENCE_MODE
1: Set to external reference mode
Note: both 3[15] and 1[13] should be set as 1 when configuring the device in
the external reference mode
4[1]
0x4[1]
0
ADC_RESOLUTION_SELECT
0: 14bit;
1: 12bit
4[3]
0x4[3]
0
ADC_OUTPUT_FORMAT
0: 2's complement;
1: Offset binary
4[4]
0x4[4]
0
LSB_MSB_FIRST
0: LSB first;
1: MSB first
5[13:0]
0x5[13:0]
0
CUSTOM_PATTERN
Custom pattern data for LVDS output (2[15:13]=011)
10[8]
0xA[8]
0
SYNC_PATTERN
0: Test pattern outputs of 8 channels are NOT synchronized.
1: Test pattern outputs of 8 channels are synchronized.
13[9:0]
0xD[9:0]
0
OFFSET_CH1
Value to be subtracted from channel 1 code
13[15:11]
0xD[15:11]
0
DIGITAL_GAIN_CH1
0 dB to 6 dB in 0. 2dB steps
15[9:0]
0xF[9:0]
0
OFFSET_CH2
value to be subtracted from channel 2 code
15[15:11]
0xF[15:11]
0
DIGITAL_GAIN_CH2
0dB to 6dB in 0.2 dB steps
17[9:0]
0x11[9:0]
0
OFFSET_CH3
value to be subtracted from channel 3 code
17[15:11]
0x11[15:11]
0
DIGITAL_GAIN_CH3
0 dB to 6 dB in 0.2 dB steps
19[9:0]
0x13[9:0]
0
OFFSET_CH4
value to be subtracted from channel 4 code
19[15:11]
0x13[15:11]
0
DIGITAL_GAIN_CH4
0 dB to 6 dB in 0. 2dB steps
21[0]
0x15[0]
0
DIGITAL_HPF_FILTER_ENABLE
0: Disable the digital HPF filter;
_ CH1-4
1: Enable for 1-4 channels
21[4:1]
0x15[4:1]
0
DIGITAL_HPF_FILTER_K_CH1-4
Set K for the high-pass filter (k from 2 to 10, i.e. 0010B to 1010B).
This group of four registers controls the characteristics of a digital high-pass
transfer function applied to the output data, following the formula:
y(n) = 2k/(2k + 1) [x(n) – x(n – 1) + y(n – 1)] (see Table 3 and Figure 58)
25[9:0]
0x19[9:0]
0
OFFSET_CH8
value to be subtracted from channel 8 code
25[15:11]
0x19[15:11]
0
DIGITAL_GAIN_CH8
0 dB to 6 dB in 0.2dB steps
27[9:0]
0x1B[9:0]
0
OFFSET_CH7
value to be subtracted from channel 7 code
27[15:11]
0x1B[15:11]
0
DIGITAL_GAIN_CH7
0 dB to 6dB in 0.2 dB steps
29[9:0]
0x1D[9:0]
0
OFFSET_CH6
value to be subtracted from channel 6 code
29[15:11]
0x1D[15:11]
0
DIGITAL_GAIN_CH6
0 dB to 6 dB in 0.2 dB steps
31[9:0]
0x1F[9:0]
0
OFFSET_CH5
value to be subtracted from channel 5 code
31[15:11]
0x1F[15:11]
0
DIGITAL_GAIN_CH5
0 dB to 6 dB in 0.2 dB steps
33[0]
0x21[0]
0
DIGITAL_HPF_FILTER_ENABLE
0: Disable the digital HPF filter;
_ CH5-8
1: Enable for 5-8 channels
33[4:1]
0x21[4:1]
0
DIGITAL_HPF_FILTER_K_CH5-8
Set K for the high-pass filter (k from 2 to 10, 010B to 1010B)
This group of four registers controls the characteristics of a digital high-pass
transfer function applied to the output data, following the formula:
y(n) = 2k/(2k + 1) [x(n) – x(n – 1) + y(n – 1)] (see Table 3 and Figure 58)
66[15]
0x42[15]
0
DITHER
0: Disable dither function.
1: Enable dither function. Improve the ADC linearity with slight noise
degradation.
28
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com