Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 44 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 40Page - Texas Instruments AFE5808A Datasheet HTML 41Page - Texas Instruments AFE5808A Datasheet HTML 42Page - Texas Instruments AFE5808A Datasheet HTML 43Page - Texas Instruments AFE5808A Datasheet HTML 44Page - Texas Instruments AFE5808A Datasheet HTML 45Page - Texas Instruments AFE5808A Datasheet HTML 46Page - Texas Instruments AFE5808A Datasheet HTML 47Page - Texas Instruments AFE5808A Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
I/Q CLK
Generator
4X/8X Clock
D Q
INV
1X Clock
LNA1
Weight
Weight
Weight
Weight
LNA2~8
In-phase
CLK
Quadrature
CLK
I/V
I/V
Summed
In-Phase
Summed
Quadrature
Fin 1X Clock
1X Clock
Phase 0°
Fin 4X Clock
1X Clock
Phase 90°
Quadrature
clocks
1
T
16
LNA1
Weight
Weight
Weight
Weight
LNA2~8
In-phase
CLK
Quadrature
CLK
I/V
I/V
Summed
In-Phase
Summed
Quadrature
Syncronized I/Q
CLOCKs
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
Figure 74. 8 X ƒcw and 4 X ƒcw Block Diagram
Figure 75. 8 x ƒcw and 4 x ƒcw Timing Diagram
1 × ƒcw Mode
The 1x ƒcw mode requires in-phase and quadrature clocks with low phase noise specifications. The
phase
delay resolution is also achieved by weighting the in-phase and quadrature signals as described in the 8 × ƒcw
and 4 × ƒcw modes.
Figure 76. Block Diagram of 1 x ƒcw mode
44
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com