Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 1 Page - Texas Instruments

  AFE5808A Datasheet HTML 1Page - Texas Instruments AFE5808A Datasheet HTML 2Page - Texas Instruments AFE5808A Datasheet HTML 3Page - Texas Instruments AFE5808A Datasheet HTML 4Page - Texas Instruments AFE5808A Datasheet HTML 5Page - Texas Instruments AFE5808A Datasheet HTML 6Page - Texas Instruments AFE5808A Datasheet HTML 7Page - Texas Instruments AFE5808A Datasheet HTML 8Page - Texas Instruments AFE5808A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
Fully Integrated, 8-Channel Ultrasound Analog Front End with
Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
Check for Samples: AFE5808A
1
FEATURES
APPLICATIONS
8-Channel Complete Analog Front-End
Medical Ultrasound Imaging
LNA, VCAT, PGA, LPF, ADC, and CW Mixer
Nondestructive Evaluation Equipments
Programmable Gain Low-Noise Amplifier
DESCRIPTION
(LNA)
The AFE5808A is a highly integrated Analog Front-
24/18/12 dB Gain
End
(AFE)
solution
specifically
designed
for
0.25/0.5/1 VPP Linear Input Range
ultrasound systems in which high performance and
0.63/0.7/0.9 nV/rtHz Input Referred Noise
small size are required. The AFE5808A integrates a
complete time-gain-control (TGC) imaging path and a
Programmable Active Termination
continuous wave Doppler (CWD) path. It also enables
40 dB Low Noise Voltage Controlled
users
to
select
one
of
various
power/noise
Attenuator (VCAT)
combinations
to
optimize
system
performance.
24/30 dB Programmable Gain Amplifier (PGA)
Therefore, the AFE5808A is a suitable ultrasound
analog front end solution not only for high-end
3rd Order Linear Phase Low-Pass Filter (LPF)
systems, but also for portable ones.
10, 15, 20, 30 MHz
The AFE5808A contains eight channels of voltage
14-bit Analog to Digital Converter (ADC)
controlled amplifier (VCA), 14/12-bit Analog-to-Digital
77 dBFS SNR at 65 MSPS
Converter (ADC), and CW mixer. The VCA includes
LVDS Outputs
Low
noise
Amplifier
(LNA),
Voltage
controlled
Attenuator (VCAT), Programmable Gain Amplifier
Noise/Power Optimizations (Full Chain)
(PGA), and Low-Pass Filter (LPF). The LNA gain is
158 mW/CH at 0.75 nV/rtHz, 65 MSPS
programmable to support 250 mVPP to 1 VPP input
101 mW/CH at 1.1 nV/rtHz, 40 MSPS
signals. Programmable active termination is also
supported by the LNA. The ultra-low noise VCAT
80 mW/CH at CW Mode
provides an attenuation control range of 40 dB and
Excellent Device-to-Device Gain Matching
improves overall low gain SNR which benefits
±0.5 dB (Typical) and ±0.9 dB (Max)
harmonic imaging and near field imaging. The PGA
provides gain options of 24 dB and 30 dB. Before the
Low Harmonic Distortion
ADC, a LPF can be configured as 10 MHz, 15 MHz,
Fast and Consistent Overload Recovery
20 MHz or 30 MHz to support ultrasound applications
Passive Mixer for Continuous Wave
with different frequencies. The high-performance
Doppler(CWD)
14bit/65 MSPS ADC in the AFE5808A achieves
77dBFS SNR. It ensures excellent SNR at low chain
Low Close-in Phase Noise –156 dBc/Hz at 1
gain. The ADC’s LVDS outputs enable flexible system
KHz off 2.5 MHz Carrier
integration desired for miniaturized systems.
Phase Resolution of 1/16
λ
Support 16X, 8X, 4X and 1X CW Clocks
12dB Suppression on 3rd and 5th Harmonics
Flexible Input Clocks
Small Package: 15 mm x 9 mm, 135-BGA
NOTE
AFE5808A is an enhanced version of AFE5808 and it is recommended for new designs.
Compared to AFE5808, it expands the cut-off frequency range of the digital high pass
filter; increases the handling capability of extreme overload signals; lowers the correlated
noise significantly when high impedance source appears.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AFE5808A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5808A TI1-AFE5808A Datasheet
1Mb / 83P
65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
AFE5808A TI2-AFE5808A Datasheet
458Kb / 6P
AFE5816 16-Channel Ultrasound AFE With 90mW/Channel Power, 1nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC and Passive CW Mixer
MARCH 2024
AFE5808A TI2-AFE5808A Datasheet
462Kb / 6P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140mW/Channel Power, 0.75nV/√ Hz Noise, 14-Bit, 65-MSPS or 12-Bit, 80 MSPS ADC, and Passive CW Mixer
MARCH 2024
AFE5808A TI2-AFE5808A Datasheet
2Mb / 82P
ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
REVISED APRIL 2018
AFE5808A TI2-AFE5808A Datasheet
1Mb / 62P
ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
REVISED AUGUST 2015
More results

Similar Description - AFE5808A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5807 TI1-AFE5807 Datasheet
1Mb / 71P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5808 TI1-AFE5808 Datasheet
1Mb / 68P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75nV/rtHz, 14/12-Bit, 65MSPS, 153mW/CH
VCA5807 TI-VCA5807 Datasheet
1Mb / 64P
Fully Integrated, 8-Channel Voltage Controlled Amplifier for Ultrasound with Passive CW Mixer, 0.75 nV/rtHz, 99 mW/CH
AFE5809 TI-AFE5809_13 Datasheet
1Mb / 90P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14, 12-Bit, 65 MSPS, 158 mW/CH
AFE5808 TI1-AFE5808_14 Datasheet
1Mb / 76P
Fully Integrated, 8-Channel Ultrasound Analog Front End With Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 153 mW/CH
AFE5807 TI1-AFE5807_14 Datasheet
1Mb / 75P
Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 1.05 nV/rtHz, 12-Bit, 80 MSPS, 117 mW/CH
AFE5803 TI1-AFE5803_14 Datasheet
791Kb / 53P
Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
AFE5812 TI-AFE5812_15 Datasheet
2Mb / 109P
AFE5812 Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, and Digital I/Q Demodulator, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 180 mW/CH
AFE5818 TI-AFE5818_15 Datasheet
2Mb / 156P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140-mW/Channel Power, 0.75-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, and Passive CW Mixer
AFE5808A TI1-AFE5808A_17 Datasheet
1Mb / 83P
65-MSPS, 158 mW/Channel, Fully-Integrated, 8-Channel, 14- and 12-Bit, Ultrasound Analog Front-End With Passive CW Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com