Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 40 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 36Page - Texas Instruments AFE5808A Datasheet HTML 37Page - Texas Instruments AFE5808A Datasheet HTML 38Page - Texas Instruments AFE5808A Datasheet HTML 39Page - Texas Instruments AFE5808A Datasheet HTML 40Page - Texas Instruments AFE5808A Datasheet HTML 41Page - Texas Instruments AFE5808A Datasheet HTML 42Page - Texas Instruments AFE5808A Datasheet HTML 43Page - Texas Instruments AFE5808A Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Sum Amp
with LPF
LNA1
Voltage to
Current
Converter
Sum Amp
with LPF
I-CH
Q-CH
I-CLK
Q-CLK
LNA8
Voltage to
Current
Converter
I-CH
Q-CH
I-CLK
Q-CLK
I-CH
Q-CH
Clock
Distribution
Circuits
1×
fcw CLK
N×
fcw CLK
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
CONTINUOUS-WAVE (CW) BEAMFORMER
Continuous-wave Doppler is a key function in mid-end to high-end ultrasound systems. Compared to the TGC
mode, the CW path needs to handle high dynamic range along with strict phase noise performance. CW
beamforming is often implemented in analog domain due to the mentioned strict requirements. Multiple
beamforming methods are being implemented in ultrasound systems, including passive delay line, active mixer,
and passive mixer. Among all of them, the passive mixer approach achieves optimized power and noise. It
satisfies the CW processing requirements, such as wide dynamic range, low phase noise, accurate gain and
phase matching.
A simplified CW path block diagram and an In-phase or Quadrature (I/Q) channel block diagram are illustrated
below respectively. Each CW channel includes a LNA, a voltage-to-current converter, a switch-based mixer, a
shared summing amplifier with a low-pass filter, and clocking circuits. All blocks include well-matched in-phase
and quadrature channels to achieve good image frequency rejection as well as beamforming accuracy. As a
result, the image rejection ratio from an I/Q channel is better than -46dBc which is desired in ultrasound systems.
Figure 69. Simplified Block Diagram of CW Path
40
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com